Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 1019 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 1019 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 1015Page - Renesas Technology Corp HD6432351 Datasheet HTML 1016Page - Renesas Technology Corp HD6432351 Datasheet HTML 1017Page - Renesas Technology Corp HD6432351 Datasheet HTML 1018Page - Renesas Technology Corp HD6432351 Datasheet HTML 1019Page - Renesas Technology Corp HD6432351 Datasheet HTML 1020Page - Renesas Technology Corp HD6432351 Datasheet HTML 1021Page - Renesas Technology Corp HD6432351 Datasheet HTML 1022Page - Renesas Technology Corp HD6432351 Datasheet HTML 1023Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1019 / 1025 page
background image
Appendix F Timing of Transition to and Recovery from Hardware Standby Mode
Rev. 3.00 Sep 15, 2006 page 985 of 988
REJ09B0330-0300
Appendix F Timing of Transition to and Recovery from
Hardware Standby Mode
Timing of Transition to Hardware Standby Mode
(1) To retain RAM contents with the RAME bit set to 1 in SYSCR, drive the
RES signal low at
least 10 states before the
STBY signal goes low, as shown below. RES must remain low until
STBY signal goes low (delay from STBY low to RES high: 0 ns or more).
STBY
RES
t2 ≥ 0 ns
t1 ≥ 10 tcyc
Figure F.1 Timing of Transition to Hardware Standby Mode
(2) To retain RAM contents with the RAME bit cleared to 0 in SYSCR, or when RAM contents do
not need to be retained,
RES does not have to be driven low as in (1).
Timing of Recovery from Hardware Standby Mode
Drive the
RES signal low and the NMI signal high approximately 100 ns or more before STBY
goes high to execute a power-on reset.
STBY
RES
tOSC
tNMIRH
t
≥ 100 ns
NMI
Figure F.2 Timing of Recovery from Hardware Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com