Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149YV Datasheet(PDF) 1068 Page - Renesas Technology Corp

Part # HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Datasheet(HTML) 1068 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 1064Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1065Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1066Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1067Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1068Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1069Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1070Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1071Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1072Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1068 / 1075 page
background image
Appendix E Timing of Transition to and Recovery from Hardware Standby Mode
Rev. 3.00 Jan 18, 2006 page 1040 of 1044
REJ09B0280-0300
Appendix E Timing of Transition to and Recovery from
Hardware Standby Mode
E.1
Timing of Transition to Hardware Standby Mode
(1) To retain RAM contents with the RAME bit set to 1 in SYSCR, drive the
RES signal low 10
system clock cycles before the
STBY signal goes low, as shown in figure E.1. RES must
remain low until
STBY signal goes low (minimum delay from STBY low to RES high: 0 ns).
STBY
RES
t2 ≥ 0 ns
t1 ≥ 10tcyc
Figure E.1 Timing of Transition to Hardware Standby Mode
(2) To retain RAM contents with the RAME bit cleared to 0 in SYSCR, or when RAM contents do
not need to be retained,
RES does not have to be driven low as in (1).
E.2
Timing of Recovery from Hardware Standby Mode
Drive the
RES signal low at least 100 ns before STBY goes high to execute a reset.
STBY
RES
tOSC1
t
≥ 100 ns
Figure E.2 Timing of Recovery from Hardware Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com