Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149YV Datasheet(PDF) 1071 Page - Renesas Technology Corp

Part # HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Datasheet(HTML) 1071 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 1067Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1068Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1069Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1070Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1071Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1072Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1073Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1074Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1075Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1071 / 1075 page
background image
Appendix G Package Dimensions
Rev. 3.00 Jan 18, 2006 page 1043 of 1044
REJ09B0280-0300
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
1.00
1.00
0.08
0.10
0.5
8°
0°
15.8
16.0
16.2
0.15
0.20
1.20
0.20
0.10
0.00
0.27
0.22
0.17
0.22
0.17
0.12
L1
ZE
ZD
y
x
c
b1
bp
A
HD
A2
E
D
A1
c1
e
e
L
HE
0.6
0.5
0.4
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14
1.00
16.2
16.0
15.8
1.0
14
Index mark
*1
*3
p
D
D
100
1
F
xM
y
26
25
76
75
50
51
Z
H
D
b
1
Detail F
L
L
Terminal cross section
p
1
b
b
θ
θ
P-TQFP100-14x14-0.50
0.5g
MASS[Typ.]
TFP-100B/TFP-100BV
PTQP0100KA-A
RENESAS Code
JEITA Package Code
Previous Code
Figure G.2 Package Dimensions (TFP-100B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com