Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2238B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H8S2238B
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  1071 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2238B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H8S2238B Datasheet HTML 17Page - Renesas Technology Corp H8S2238B Datasheet HTML 18Page - Renesas Technology Corp H8S2238B Datasheet HTML 19Page - Renesas Technology Corp H8S2238B Datasheet HTML 20Page - Renesas Technology Corp H8S2238B Datasheet HTML 21Page - Renesas Technology Corp H8S2238B Datasheet HTML 22Page - Renesas Technology Corp H8S2238B Datasheet HTML 23Page - Renesas Technology Corp H8S2238B Datasheet HTML 24Page - Renesas Technology Corp H8S2238B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1071 page
background image
Rev. 5.00 Aug 08, 2006 page xxi of lxxxvi
Item
Page
Revision (See Manual for Details)
10.7.5 Pin Functions
338
• PB0/A8/TIOCA3
Description amended
... the TPU channel 3*
3 setting, AE3 to AE0 bits...
Table amended
Operating mode
Modes 4 to 6
Mode 7
AE3 to AE0
Other than
B'0000
B'0000
TPU channel 3
setting*
1*3
Output
Input or initial
value
Output
Input or initial
value
PB0DDR

01
01
PB0
input
pin
PB0
output
pin
PB0
input
pin
PB0
output
pin
Pin functions
A8 output
pin
TIOCA3*
3
output pin
TIOCA3*
3 input
pin*
2
TIOCA3*
3
output pin
TIOCA3*
3 input
pin*
2
Note 3 added
Note: 3. Not available in the H8S/2227 Group.
10.9.6 Input Pull-Up MOS
States in Port D
Table 10.5 Input Pull-Up
MOS States in Port D
345
Table 10.5 amended
Port I/O (modes 4 to 6)
Port input (mode 7)
10.12.4 Pin Functions
356
• PG3/Rx/CS1
Description amended
... IECTR of IEB*
3, operating mode...
• PG2/Tx/CS2
Description amended
... IECTR of IEB*
3, operating mode...
11. 16-Bit Timer Pulse Unit
(TPU)
359
Description amended
... that comprises three 16-bit timer channels or six 16-bit
timer channels. ...
11.3.1 Timer Control
Register (TCR)
367
Description amended
... for each channel. The TPU of the H8S/2227 Group has a
total of three TCR registers, one each for channels 0 to 2. In
other groups, the TPU has a total of six TCR registers, one
each for channels 0 to 5. TCR register settings ...
CKEG1 and CKEG0 description amended
... channels 1, 2, 4*, and 5*, this setting is ignored ...
Note * added
Note: * Not available in the H8S/2227 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com