Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1664 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H8SX/1664
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1664 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H8SX/1664 Datasheet HTML 82Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 83Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 84Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 85Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 86Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 87Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 88Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 89Page - Renesas Technology Corp H8SX/1664 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 34 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
Z
Undefined
R/W
Zero Flag
Set to 1 to indicate zero data, and cleared to 0 to
indicate non-zero data.
1
V
Undefined
R/W
Overflow Flag
Set to 1 when an arithmetic overflow occurs, and
cleared to 0 otherwise.
0
C
Undefined
R/W
Carry Flag
Set to 1 when a carry occurs, and cleared to 0
otherwise. A carry has the following types:
•
Carry from the result of addition
•
Borrow from the result of subtraction
•
Carry from the result of shift or rotation
The carry flag is also used as a bit accumulator by bit
manipulation instructions.
2.5.4
Extended Control Register (EXR)
EXR is an 8-bit register that contains the trace bit (T) and three interrupt mask bits (I2 to I0).
Operations can be performed on the EXR bits by the LDC, STC, ANDC, ORC, and XORC
instructions.
For details, see section 4, Exception Handling.
Bit
Bit Name
Initial
Value
R/W
Description
7
T
0
R/W
Trace Bit
When this bit is set to 1, a trace exception is generated
each time an instruction is executed. When this bit is
cleared to 0, instructions are executed in sequence.
6 to 3
—
All 1
R/W
Reserved
These bits are always read as 1.
2
1
0
I2
I1
I0
1
1
1
R/W
R/W
R/W
Interrupt Mask Bits
These bits designate the interrupt mask level (0 to 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com