Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO15 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISO15
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISO15 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISO15 Datasheet HTML 3Page - Renesas Technology Corp ISO15 Datasheet HTML 4Page - Renesas Technology Corp ISO15 Datasheet HTML 5Page - Renesas Technology Corp ISO15 Datasheet HTML 6Page - Renesas Technology Corp ISO15 Datasheet HTML 7Page - Renesas Technology Corp ISO15 Datasheet HTML 8Page - Renesas Technology Corp ISO15 Datasheet HTML 9Page - Renesas Technology Corp ISO15 Datasheet HTML 10Page - Renesas Technology Corp ISO15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Input
Generator
50 W
R
A
B
RE
VI
S1
C =15pF±20%
L
0V
1.5V
C includesfixture
andinstrumentation
capacitance
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
50%
1k
±1%
W
tPZH
tPHZ
3 V
0 V
0V
50%
50%
90%
VCC
VO
VO
VOH
VI
Input
Generator
50 W
R
A
B
RE
VI
S1
C =15pF±20%
L
0V
1.5V
C includesfixture
andinstrumentation
capacitance
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
50%
3 V
0 V
VI
VCC
VOL
tPZL
tPLZ
VO
50%
50%
10%
1k
±1%
W
VO
VCC
100
±1%
W
A
B
R
Note: Thistestisconductedtotestsurvivabilityonly.
DatastabilityattheRoutputisnotspecified.
D
0V
RE
3V
DE
+
-
PulseGenerator
15 sduration
1%dutycycle
t ,t <100ns
m
r
f
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Receiver Enable Test Circuit and Waveforms, Data Output High
Figure 10. Receiver Enable Test Circuit and Waveforms, Data Output Low
Figure 11. Transient Over-Voltage Test Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com