Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3026 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # H8/3026
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3026 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button H8/3026 Datasheet HTML 45Page - Renesas Technology Corp H8/3026 Datasheet HTML 46Page - Renesas Technology Corp H8/3026 Datasheet HTML 47Page - Renesas Technology Corp H8/3026 Datasheet HTML 48Page - Renesas Technology Corp H8/3026 Datasheet HTML 49Page - Renesas Technology Corp H8/3026 Datasheet HTML 50Page - Renesas Technology Corp H8/3026 Datasheet HTML 51Page - Renesas Technology Corp H8/3026 Datasheet HTML 52Page - Renesas Technology Corp H8/3026 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 11 of 800
REJ09B0260-0200
Pin No.
Type
Symbol
FP-100B
TFP-100B FP-100A I/O
Name and Function
System
control
RES
63
65
Input
Reset input: When driven low, this pin resets
the chip. This pin must be driven low at
power-up.
RESO
10
12
Output Reset output (On-chip mask ROM
versions): Outputs the reset signal generated
by the watchdog timer to external devices
FWE
10
12
Input
Write enable signal (On-chip flash memory
versions): Flash memory programming
control signal
STBY
62
64
Input
Standby: When driven low, this pin forces
a transition to hardware standby mode
BREQ
59
61
Input
Bus request: Used by an external bus
master to request the bus right
BACK
60
62
Output Bus request acknowledge: Indicates that
the bus has been granted to an external bus
master
Interrupts
NMI
64
66
Input
Nonmaskable interrupt: Requests a
nonmaskable interrupt
IRQ5 to
IRQ0
17, 16,
90 to 87
19, 18,
92 to 89
Input
Interrupt request 5 to 0: Maskable interrupt
request pins
Address
bus
A23 to A0
97 to 100,
56 to 45,
43 to 36
99, 100,
1, 2,
58 to 47,
45 to 38
Output Address bus: Outputs address signals
Data bus
D15 to D0
34 to 23,
21 to 18
36 to 25,
23 to 20
Input/
output
Data bus: Bidirectional data bus
Bus
control
CS7 to
CS0
2 to 5,
88 to 91
4 to 7, 90
to 93
Output Chip select: Select signals for areas 7 to 0
AS
69
71
Output Address strobe: Goes low to indicate valid
address output on the address bus
RD
70
72
Output Read: Goes low to indicate reading from the
external address space
HWR
71
73
Output High write: Goes low to indicate writing to the
external address space; indicates valid data
on the upper data bus (D15 to D8).
LWR
72
74
Output Low write: Goes low to indicate writing to the
external address space; indicates valid data
on the lower data bus (D7 to D0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com