Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83048 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # H83048
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83048 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button H83048 Datasheet HTML 69Page - Renesas Technology Corp H83048 Datasheet HTML 70Page - Renesas Technology Corp H83048 Datasheet HTML 71Page - Renesas Technology Corp H83048 Datasheet HTML 72Page - Renesas Technology Corp H83048 Datasheet HTML 73Page - Renesas Technology Corp H83048 Datasheet HTML 74Page - Renesas Technology Corp H83048 Datasheet HTML 75Page - Renesas Technology Corp H83048 Datasheet HTML 76Page - Renesas Technology Corp H83048 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 905 page
background image
Section 2 CPU
Rev. 7.00 Sep 21, 2005 page 49 of 878
REJ09B0259-0700
P45 to P40 are set as output pins, and are in the low-level output state.
In this example, the BCLR instruction is used to make P40 an input port.
Before Execution of BCLR Instruction
P47
P46
P45
P44
P43
P42
P41
P40
Input/output
Input
Input
Output
Output
Output
Output
Output
Output
DDR
00
111
111
DR
10
000
000
Execution of BCLR Instruction
BCLR
#0, @P4DDR
;
Execute BCLR instruction on DDR
After Execution of BCLR Instruction
P47
P46
P45
P44
P43
P42
P41
P40
Input/output
Output
Output
Output
Output
Output
Output
Output
Input
DDR
1
1
111
11
0
DR
10
000
000
Explanation of BCLR Instruction
To execute the BCLR instruction, the CPU begins by reading P4DDR. Since P4DDR is a write-
only register, it is read as H'FF, even though its true value is H'3F.
Next the CPU clears bit 0 of the read data, changing the value to H'FE.
Finally, the CPU writes this value (H'FE) back to DDR to complete the BCLR instruction.
As a result, P40DDR is cleared to 0, making P40 an input pin. In addition, P47DDR and P46DDR
are set to 1, making P47 and P46 output pins.
The BCLR instruction can be used to clear flags in the internal I/O registers to 0. In an interrupt-
handling routine, for example, if it is known that the flag is set to 1, it is not necessary to read the
flag ahead of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com