Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3026F Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # H8/3026F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3026F Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button H8/3026F Datasheet HTML 3Page - Renesas Technology Corp H8/3026F Datasheet HTML 4Page - Renesas Technology Corp H8/3026F Datasheet HTML 5Page - Renesas Technology Corp H8/3026F Datasheet HTML 6Page - Renesas Technology Corp H8/3026F Datasheet HTML 7Page - Renesas Technology Corp H8/3026F Datasheet HTML 8Page - Renesas Technology Corp H8/3026F Datasheet HTML 9Page - Renesas Technology Corp H8/3026F Datasheet HTML 10Page - Renesas Technology Corp H8/3026F Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 841 page
background image
Rev. 2.00 Sep 20, 2005 page vii of xxxviii
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
All references to Hitachi, Hitachi, Ltd., Hitachi Semiconductors, and
other Hitachi brand names changed to Renesas Technology Corp.
Designation for categories changed from “series” to “group”
7.12.2 Register
Descriptions
Table 7.23 Port B
Pin Functions
(Modes 1 to 5)
203, 204 Description amended
PB3/TP11/TMIO3/
CS4
Bits OIS3/2 and OS1/0 in 8TCSR3,
bit CS4E in CSCR, bit
NDER11 in NDERB, and bit PB3DDR select the pin function as
follows.
PB1/TP9/TMIO1/
CS6
Bits OIS3/2 and OS1/0 in 8TCSR1,
bit CS6E in CSCR, bit
NDER9 in NDERB, and bit PB1DDR select the pin function as
follows.
Table 7.24 Port B
Pin Functions
(Modes 6 and 7)
205, 206 PB3/TP11/TMIO3
Bits OIS3/2 and OS1/0 in 8TCSR3,
bit NDER11 in NDERB,
and bit PB3DDR select the pin function as follows.
PB1/TP9/TMIO1
Bits OIS3/2 and OS1/0 in 8TCSR1,
bit NDER9 in NDERB,
and bit PB1DDR select the pin function as follows.
18.5.1 Boot Mode 548
Description amended
After the transfer is completed,
control branches to the start
address (H'FFF520) of the programming control program area and
the programming control program execution state is entered (flash
memory programming/erasing can be performed).
21.2.6 Flash
Memory
Characteristics
Table 21.19 Flash
Memory
Characteristics
629, 630 Table amended and note added
Item
Symbol Min
Typ
Max
Unit
Notes
Programming time*
1 *2 *4
tP
—
10
200
ms/
128 bytes
Erase time*
1 *3 *5
tE
—
100
1200
ms/block
Reprogramming count
NWEC
100*
6
10,000*
7
—
Times
Data retention period
tDRP
10*
8
——
Years
Notes: 6. Minimum number of times at which all characteristics are
guaranteed after reprogramming. (Reprogramming count
from 1 to minimum value is guaranteed.)
7. Reference characteristics at 25
°C. (This is an indication
that reprogramming operations can normally be
performed up to this figure.)
8. Data retention characteristics when reprogramming is
performed correctly within the specification values,
including the minimum data retention period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com