Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX13003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STX13003
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13003 Datasheet(HTML) 1 Page - STMicroelectronics

  STX13003 Datasheet HTML 1Page - STMicroelectronics STX13003 Datasheet HTML 2Page - STMicroelectronics STX13003 Datasheet HTML 3Page - STMicroelectronics STX13003 Datasheet HTML 4Page - STMicroelectronics STX13003 Datasheet HTML 5Page - STMicroelectronics STX13003 Datasheet HTML 6Page - STMicroelectronics STX13003 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STX13003
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
ST13003 SILICON IN TO-92 PACKAGE
s
MEDIUM VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
APPLICATIONS:
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
DESCRIPTION
The device is manufactured using high voltage
Multi
Epitaxial
Planar
technology
for
high
switching speeds and medium voltage capability.
It uses a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
The STX13003 is designed for use in compact
fluorescent lamp application.
®
INTERNAL SCHEMATIC DIAGRAM
April 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
700
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage
(IC = 0,
IB = 0.5 A,
tp < 10
µs, Tj < 150oC)
V(BR)EBO
V
IC
Collector Current
1
A
ICM
Collector Peak Current (tp < 5 ms)
3
A
IB
Base Current
0.5
A
IBM
Base Peak Current (tp < 5 ms)
1.5
A
Ptot
Total Dissipation at TC = 25
oC
1.5
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
TO-92
1/7


Similar Part No. - STX13003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX13003 STMICROELECTRONICS-STX13003 Datasheet
344Kb / 11P
High voltage fast-switching NPN power transistor
06-Dec-2010
logo
AiT Semiconductor Inc.
STX13003 AITSEMI-STX13003 Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
logo
STMicroelectronics
STX13003-AP STMICROELECTRONICS-STX13003-AP Datasheet
344Kb / 11P
High voltage fast-switching NPN power transistor
06-Dec-2010
STX13003G STMICROELECTRONICS-STX13003G Datasheet
344Kb / 11P
High voltage fast-switching NPN power transistor
06-Dec-2010
STX13003G-AP STMICROELECTRONICS-STX13003G-AP Datasheet
344Kb / 11P
High voltage fast-switching NPN power transistor
06-Dec-2010
More results

Similar Description - STX13003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com