Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1653 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H8SX/1653
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1018 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1653 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H8SX/1653 Datasheet HTML 17Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 18Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 19Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 20Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 21Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 22Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 23Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 24Page - Renesas Technology Corp H8SX/1653 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1018 page
background image
Rev.1.00 Sep. 08, 2005 Page xxi of xlviiil
14.9.2 Interrupts in Smart Card Interface Mode .............................................................. 625
14.10 Usage Notes ....................................................................................................................... 627
14.10.1 Module Stop Mode Setting ................................................................................... 627
14.10.2 Break Detection and Processing ........................................................................... 627
14.10.3 Mark State and Break Detection ........................................................................... 627
14.10.4 Receive Error Flags and Transmit Operations
(Clocked Synchronous Mode Only) ..................................................................... 627
14.10.5 Relation between Writing to TDR and TDRE Flag .............................................. 628
14.10.6 Restrictions on Using DTC or DMAC.................................................................. 628
14.10.7 SCI Operations during Mode Transitions ............................................................. 629
14.11 CRC Operation Circuit ...................................................................................................... 632
14.11.1 Features................................................................................................................. 632
14.11.2 Register Descriptions ............................................................................................ 633
14.11.3 CRC Operation Circuit Operation......................................................................... 635
14.11.4 Note on CRC Operation Circuit............................................................................ 638
Section 15 USB Function Module (USB)..........................................................639
15.1
Features.............................................................................................................................. 639
15.2
Input/Output Pins ...............................................................................................................640
15.3
Register Descriptions ......................................................................................................... 641
15.3.1 Interrupt Flag Register 0 (IFR0) ........................................................................... 642
15.3.2 Interrupt Flag Register 1 (IFR1) ........................................................................... 643
15.3.3 Interrupt Flag Register 2 (IFR2) ........................................................................... 644
15.3.4 Interrupt Select Register 0 (ISR0)......................................................................... 645
15.3.5 Interrupt Select Register 1 (ISR1)......................................................................... 646
15.3.6 Interrupt Select Register 2 (ISR2)......................................................................... 647
15.3.7 Interrupt Enable Register 0 (IER0) ....................................................................... 648
15.3.8 Interrupt Enable Register 1 (IER1) ....................................................................... 649
15.3.9 Interrupt Enable Register 2 (IER2) ....................................................................... 649
15.3.10 EP0i Data Register (EPDR0i) ............................................................................... 650
15.3.11 EP0o Data Register (EPDR0o) ............................................................................. 651
15.3.12 EP0s Data Register (EPDR0s) .............................................................................. 651
15.3.13 EP1 Data Register (EPDR1) ................................................................................. 652
15.3.14 EP2 Data Register (EPDR2) ................................................................................. 652
15.3.15 EP3 Data Register (EPDR3) ................................................................................. 653
15.3.16 EP0o Receive Data Size Register (EPSZ0o) ........................................................ 653
15.3.17 EP1 Receive Data Size Register (EPSZ1) ............................................................ 654
15.3.18 Trigger Register (TRG)......................................................................................... 654
15.3.19 Data Status Register (DASTS).............................................................................. 656
15.3.20 FIFO Clear Register (FCLR) ................................................................................ 657



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com