Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C27 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R8C27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C27 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R8C27 Datasheet HTML 89Page - Renesas Technology Corp R8C27 Datasheet HTML 90Page - Renesas Technology Corp R8C27 Datasheet HTML 91Page - Renesas Technology Corp R8C27 Datasheet HTML 92Page - Renesas Technology Corp R8C27 Datasheet HTML 93Page - Renesas Technology Corp R8C27 Datasheet HTML 94Page - Renesas Technology Corp R8C27 Datasheet HTML 95Page - Renesas Technology Corp R8C27 Datasheet HTML 96Page - Renesas Technology Corp R8C27 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 485 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 76 of 453
REJ09B0278-0210
7.5
Unassigned Pin Handling
Table 7.41 lists the Unassigned Pin Handling.
NOTES:
1. If these ports are set to output mode and left open, they remain in input mode until they are switched
to output mode by a program. The voltage level of these pins may be undefined and the power
current may increase while the ports remain in input mode.
The content of the direction registers may change due to noise or program runaway caused by
noise. In order to enhance program reliability, the program should periodically repeat the setting of
the direction registers.
2. Connect these unassigned pins to the MCU using the shortest wire length (2 cm or less) possible.
3. When the power-on reset function is in use.
Figure 7.14
Unassigned Pin Handling
Table 7.41
Unassigned Pin Handling
Pin Name
Connection
Ports P0, P1, P3_1, P3_3 to P3_7,
P4_3 to P4_5, P5_3, P5_4
• After setting to input mode, connect each pin to VSS via a resistor
(pull-down) or connect each pin to VCC via a resistor (pull-up).(2)
• After setting to output mode, leave these pins open.(1, 2)
Ports P4_6, P4_7
Connect to VCC via a pull-up resistor(2)
Port P4_2, VREF
Connect to VCC
RESET (3)
Connect to VCC via a pull-up resistor(2)
NOTE:
1. When the power-on reset function is in use.
MCU
Port P0, P1,
P3_1, P3_3 to P3_7,
P4_3 to P4_5,
P5_3, P5_4
(Input mode )
:
:
(Input mode)
(Output mode)
Port P4_6, P4_7
RESET(1)
Port P4_2/VREF
:
:
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com