Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C29 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C29 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C29 Datasheet HTML 35Page - Renesas Technology Corp R8C29 Datasheet HTML 36Page - Renesas Technology Corp R8C29 Datasheet HTML 37Page - Renesas Technology Corp R8C29 Datasheet HTML 38Page - Renesas Technology Corp R8C29 Datasheet HTML 39Page - Renesas Technology Corp R8C29 Datasheet HTML 40Page - Renesas Technology Corp R8C29 Datasheet HTML 41Page - Renesas Technology Corp R8C29 Datasheet HTML 42Page - Renesas Technology Corp R8C29 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 471 page
background image
R8C/28 Group, R8C/29 Group
5. Resets
Rev.2.10
Sep 26, 2008
Page 22 of 441
REJ09B0279-0210
5.
Resets
The following resets are implemented: hardware reset, power-on reset, voltage monitor 0 reset (for N, D version only),
voltage monitor 1 reset, voltage monitor 2 reset, watchdog timer reset, and software reset.
Table 5.1 lists the Reset Names and Sources. Figure 5.1 shows the Block Diagram of Reset Circuit (N, D Version), and
Figure 5.2 shows the Block Diagram of Reset Circuit (J, K Version).
NOTE:
1. For N, D version only.
Figure 5.1
Block Diagram of Reset Circuit (N, D Version)
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
Input voltage of RESET pin is held “L”
Power-on reset
VCC rises
Voltage monitor 0 reset(1)
VCC falls (monitor voltage: Vdet0)
Voltage monitor 1 reset
VCC falls (monitor voltage: Vdet1)
Voltage monitor 2 reset
VCC falls (monitor voltage: Vdet2)
Watchdog timer reset
Underflow of watchdog timer
Software reset
Write 1 to PM03 bit in PM0 register
RESET
Power-on reset
circuit
Voltage
detection
circuit
Watchdog
timer
CPU
Voltage monitor 0 reset
SFRs
Bits VCA25,
VW0C0, and
VW0C6
SFRs
Bits VCA13, VCA26, VCA27,
VW1C2, VW1C3,
VW2C2, VW2C3,
VW0C1, VW0F0,
VW0F1, and VW0C7
Pin, CPU, and
SFR bits other than
those listed above
VCC
Hardware reset
Power-on reset
Voltage monitor 1 reset
Watchdog timer
reset
Software reset
VCA13: Bit in VCA1 register
VCA25, VCA26, VCA27: Bits in VCA2 register
VW0C0, VW0C1, VW0C6, VW0F0, VW0F1, VW0C7: Bits in VW0C register
VW1C2, VW1C3: Bits in VW1C register
VW2C2, VW2C3: Bits in VW2C register
Voltage monitor 2
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com