Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6433044F Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD6433044F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433044F Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD6433044F Datasheet HTML 5Page - Renesas Technology Corp HD6433044F Datasheet HTML 6Page - Renesas Technology Corp HD6433044F Datasheet HTML 7Page - Renesas Technology Corp HD6433044F Datasheet HTML 8Page - Renesas Technology Corp HD6433044F Datasheet HTML 9Page - Renesas Technology Corp HD6433044F Datasheet HTML 10Page - Renesas Technology Corp HD6433044F Datasheet HTML 11Page - Renesas Technology Corp HD6433044F Datasheet HTML 12Page - Renesas Technology Corp HD6433044F Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 905 page
background image
Rev. 7.00 Sep 21, 2005 page ix of xxiv
Item
Page
Revision (See Manual for Details)
19.5.6 Erasing
Flowchart and
Sample Program
Prewrite Flowchart
Figure 19.11
Prewrite Flowchart
611
Figure amended
End of prewrite
n
≥ N?
n + 1
Double
the programming
time (x
× 2 → x)
→ n
No
Write H'00 to flash memory
(flash memory latches
write address and write data)
Enable watchdog timer*2
*1
Select program mode
(set P bit to 1 in FLMCR)
Wait (x) µs
Clear P bit
Disable watchdog timer
Wait (tVS1) µs
Prewrite verify*3
(read data = H'00?)
Last address?
No good
No
Yes
Programming ends
Programming error
OK
Yes
V
E
PP
Clear
bit
Clear erase block register
(clear bit of block to be erased to 0)
Clear erase block register
(clear bit of block to be erased to 0)
Clear VPPE bit
Notes: 1. Use a byte transfer instruction.
2. Set the watchdog timer overflow
interval by setting CKS2 = 0,
CKS1 = 0 and CKS0 = 1.
3. In prewrite-verify mode P, E, PV,
and EV are all cleared to 0 and
12 V is applied to VPP. Use a
byte transfer instruction.
4. tVS1: 4
µs
z:
5 to 10
µs
N:
6 (set N so that total
programming time does not
exceed 1 ms)
*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com