Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F7065AF Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD64F7065AF
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 19Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 20Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 21Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 22Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 23Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 24Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 25Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 26Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 1 of 916
REJ09B0332-0500
Section 1 Overview
1.1
Features of SH7065
The SH7065 is a CMOS single-chip microcomputer featuring an SH2-DSP core—a functionally
enhanced version of the SuperH RISC engine using an original Renesas Technology
architecture—with the same signal processing capability as a general-purpose digital signal
processor (DSP), together with peripheral functions required for system configuration.
The SH2-DSP core offers enhancement of the DSP functions (multiply and multiply-and-
accumulate) of the SuperH RISC engine, and provides full DSP type data bus functionality,
enabling efficient execution of various kinds of signal processing and image processing. With this
CPU, it has become possible to create low-cost, high-performance/high-functionality systems even
for applications such as realtime control, which could not previously be handled by
microcomputers because of their high-speed processing requirements.
In addition, the SH7065 includes on-chip peripheral functions necessary for system configuration,
such as large-capacity ROM and RAM, timers, a serial communication interface (SCI), A/D
converter, D/A converter, interrupt controller (INTC), and I/O ports. An external memory access
support function allows efficient connection of memory and peripheral LSIs, greatly reducing
system cost.
There are two versions of the SH7065, with different kinds of on-chip ROM: an F-ZTAT version
with on-chip flash memory, and a mask ROM version. In the F-ZTAT version, programs can be
written and rewritten with a Renesas-recommended ROM programmer, or on-board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com