Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F3039F Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F3039F
Description  16-Bit Single-Chip Microcomputer
PDF  708 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3039F Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F3039F Datasheet HTML 5Page - Renesas Technology Corp HD64F3039F Datasheet HTML 6Page - Renesas Technology Corp HD64F3039F Datasheet HTML 7Page - Renesas Technology Corp HD64F3039F Datasheet HTML 8Page - Renesas Technology Corp HD64F3039F Datasheet HTML 9Page - Renesas Technology Corp HD64F3039F Datasheet HTML 10Page - Renesas Technology Corp HD64F3039F Datasheet HTML 11Page - Renesas Technology Corp HD64F3039F Datasheet HTML 12Page - Renesas Technology Corp HD64F3039F Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 708 page
background image
Rev.3.00 Mar. 26, 2007 Page ix of xxii
REJ09B0353-0300
Item
Page
Revision (See Manual for Details)
16.2.1 Connecting a
Crystal Resonator
Table 16.2 Crystal
Resonator Parameters
500
Preliminary deleted
18.1.3 AC
Characteristics
Table 18.5 Control
Signal Timing
532
Table amended
Condition A
Condition B
Condition C
8 MHz
10 MHz
18 MHz
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
RES setup time
t
RESS
200
—
200
—
200
—
ns
Figure 18.10
RES pulse width
t
RESW
10
—
10
—
10
—
tcyc
Mode programming
setup time (MD
0, MD1,
MD
2)
t
200
—
200
—
200
—
ns
MDS
18.1.4 A/D Conversion
Characteristics
535
Newly added
18.2.2
DC
Characteristics
Table 18.10
Permissible Output
Currents
541
Table amended
Item
Permissible output
low current (total)
Total of 27 pins
including ports 1, 2, 5
and B
A.1 Instruction List
8. Block transfer
instructions
576
Table amended
Mnemonic
Operation
EEPMOV. W
— if R4
≠ 0 then
repeat @R5
→ @R6
R5+1
→ R5
R6+1
→ R6
R4
−1 → R4
until
R4=0
else next
A.3 Number of States
Required for Execution
Table A.4 Number of
Cycles per Instruction
584
Table amended
Instruction
Mnemonic
Word Data
Access
M
Internal
Operation
N
BSR
BSR d:16
Normal
2
Advanced
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com