Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7125 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7125
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7125 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7125 Datasheet HTML 35Page - Renesas Technology Corp SH7125 Datasheet HTML 36Page - Renesas Technology Corp SH7125 Datasheet HTML 37Page - Renesas Technology Corp SH7125 Datasheet HTML 38Page - Renesas Technology Corp SH7125 Datasheet HTML 39Page - Renesas Technology Corp SH7125 Datasheet HTML 40Page - Renesas Technology Corp SH7125 Datasheet HTML 41Page - Renesas Technology Corp SH7125 Datasheet HTML 42Page - Renesas Technology Corp SH7125 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 19 of 750
REJ09B0243-0400
2.2.1
General Registers (Rn)
There are sixteen 32-bit general registers (Rn), designated R0 to R15. The general registers are
used for data processing and address calculation. R0 is also used as an index register. With a
number of instructions, R0 is the only register that can be used. R15 is used as a hardware stack
pointer (SP). In exception handling, R15 is used for accessing the stack to save or restore the
status register (SR) and program counter (PC) values.
2.2.2
Control Registers
There are three 32-bit control registers, designated status register (SR), global base register
(GBR), and vector base register (VBR). SR indicates a processing state. GBR is used as a base
address in GBR indirect addressing mode for data transfer of on-chip peripheral module registers.
VBR is used as a base address of the exception handling (including interrupts) vector table.
• Status register (SR)
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRRRRRRRR
000000
-
-
111100
-
-
RRRRRR
R/W
R/W
R/W
R/W
R/W
R/W
RR
R/W
R/W
----------------
-
-
-
-
-
-
M
Q
I[3:0]
-
-
S
T
Bit
Bit
name
Default
Read/
Write
Description
31 to 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9
M
Undefined
R/W
Used by the DIV0U, DIV0S, and DIV1 instructions.
8
Q
Undefined
R/W
Used by the DIV0U, DIV0S, and DIV1 instructions.
7 to 4
I[3:0]
1111
R/W
Interrupt Mask
3, 2
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com