Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX817 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STX817
Description  NPN MEDIUM POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX817 Datasheet(HTML) 1 Page - STMicroelectronics

  STX817 Datasheet HTML 1Page - STMicroelectronics STX817 Datasheet HTML 2Page - STMicroelectronics STX817 Datasheet HTML 3Page - STMicroelectronics STX817 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STX817
PNP MEDIUM POWER TRANSISTOR
s
DEVICE SUITABLE FOR THROUGH-HOLE
PCB ASSEMBLY
APPLICATIONS
s
VOLTAGE REGULATION
s
RELAY DRIVER
s
GENERIC SWITCH
DECRIPTION
The STX817 is a PNP transistor manufactured
using Planar Technology resulting in rugged high
performance devices.
INTERNAL SCHEMATIC DIAGRAM
April 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-120
V
VCEO
Collector-Emitter Voltage (IB = 0)
-80
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-1.5
A
ICM
Collector Peak Current (tp < 5 ms)
-2
A
IB
Base Current
-0.3
A
IBM
Base Peak Current (tp < 5 ms)
-0.6
A
Ptot
Total Dissipation at Tamb = 25
oC
0.9
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
TO-92
®
Type
Marking
STX817
X817
1/4


Similar Part No. - STX817

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX817A STMICROELECTRONICS-STX817A Datasheet
138Kb / 9P
PNP Medium power transistor
22-Jan-2006
STX817A STMICROELECTRONICS-STX817A Datasheet
145Kb / 9P
PNP Medium power transistor
22-Jan-2006
STX817A-AP STMICROELECTRONICS-STX817A-AP Datasheet
138Kb / 9P
PNP Medium power transistor
22-Jan-2006
STX817A-AP STMICROELECTRONICS-STX817A-AP Datasheet
145Kb / 9P
PNP Medium power transistor
22-Jan-2006
More results

Similar Description - STX817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
Medium Power NPN Transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
NPN MEDIUM POWER TRANSISTOR
Rev 2
logo
Rohm
SST2222A ROHM-SST2222A Datasheet
1Mb / 11P
NPN Medium Power Transistor
UMT4401U3HZG ROHM-UMT4401U3HZG Datasheet
1Mb / 10P
NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
NPN medium power transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com