Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83397 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # H83397
Description  Single-Chip Microcomputer
PDF  747 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83397 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button H83397 Datasheet HTML 69Page - Renesas Technology Corp H83397 Datasheet HTML 70Page - Renesas Technology Corp H83397 Datasheet HTML 71Page - Renesas Technology Corp H83397 Datasheet HTML 72Page - Renesas Technology Corp H83397 Datasheet HTML 73Page - Renesas Technology Corp H83397 Datasheet HTML 74Page - Renesas Technology Corp H83397 Datasheet HTML 75Page - Renesas Technology Corp H83397 Datasheet HTML 76Page - Renesas Technology Corp H83397 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 747 page
background image
43
2.5.3
Logic Operations
Table 2.6 describes the four instructions that perform logic operations. See figure 2.6 in section
2.5.4, Shift Operations, for their object codes.
Table 2.6
Logic Operation Instructions
Instruction
Size*
Function
AND
B
Rd
∧ Rs → Rd, Rd ∧ #imm → Rd
Performs a logical AND operation on a general register and another
general register or immediate data.
OR
B
Rd
∨ Rs → Rd, Rd ∨ #imm → Rd
Performs a logical OR operation on a general register and another
general register or immediate data.
XOR
B
Rd
⊕ Rs → Rd, Rd ⊕ #imm → Rd
Performs a logical exclusive OR operation on a general register and
another general register or immediate data.
NOT
B
¬ (Rd)
→ (Rd)
Obtains the one’s complement (logical complement) of general
register contents.
Note: * Size: Operand size
B: Byte
2.5.4
Shift Operations
Table 2.7 describes the eight shift instructions. Figure 2.6 shows the object code formats of the
arithmetic, logic, and shift instructions.
Table 2.7
Shift Instructions
Instruction
Size*
Function
SHAL
B
Rd shift
→ Rd
SHAR
Performs an arithmetic shift operation on general register contents.
SHLL
B
Rd shift
→ Rd
SHLR
Performs a logical shift operation on general register contents.
ROTL
B
Rd rotate
→ Rd
ROTR
Rotates general register contents.
ROTXL
B
Rd rotate through carry
→ Rd
ROTXR
Rotates general register contents through the C (carry) bit.
Note: * Size: Operand size
B: Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com