Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83502 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # H83502
Description  single-chip microcomputers
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83502 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button H83502 Datasheet HTML 69Page - Renesas Technology Corp H83502 Datasheet HTML 70Page - Renesas Technology Corp H83502 Datasheet HTML 71Page - Renesas Technology Corp H83502 Datasheet HTML 72Page - Renesas Technology Corp H83502 Datasheet HTML 73Page - Renesas Technology Corp H83502 Datasheet HTML 74Page - Renesas Technology Corp H83502 Datasheet HTML 75Page - Renesas Technology Corp H83502 Datasheet HTML 76Page - Renesas Technology Corp H83502 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 386 page
background image
59
Section 4 Exception Handling
4.1
Overview
The H8/3502 recognizes only two kinds of exceptions: interrupts and the reset. Table 4-1 indicates
their priority and the timing of their hardware exception-handling sequence.
Table 4-1
Reset and Interrupt Exceptions
Priority
Type of
Exception
Detection
Timing
Timing of Exception-Handling Sequence
High
Low
Reset
Interrupt
Clock
synchronous
On completion
of instruction
execution*
When
RES goes low, the chip enters the reset
state immediately. The hardware exception-
handling sequence (reset sequence) begins as
soon as
RES goes high again.
When an interrupt is requested, the hardware
exception-handling sequence (interrupt sequence)
begins at the end of the current instruction, or at
the end of the current hardware exception-handling
sequence.
Note:
* Not detected in case of ANDC, ORC, XORC, and LDC instructions.
4.2
Reset
4.2.1
Overview
A reset has the highest exception-handling priority. When the
RES pin goes low or a watchdog
reset is started (watchdog timer overflow for which the reset option is selected), all current
processing stops and the chip enters the reset state. The internal state of the CPU and the registers
of the on-chip supporting modules are initialized. When
RES returns from low to high or the
watchdog reset pulse ends, the chip comes out of the reset state via the reset exception-handling
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com