Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7017 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 35Page - Renesas Technology Corp SH7017 Datasheet HTML 36Page - Renesas Technology Corp SH7017 Datasheet HTML 37Page - Renesas Technology Corp SH7017 Datasheet HTML 38Page - Renesas Technology Corp SH7017 Datasheet HTML 39Page - Renesas Technology Corp SH7017 Datasheet HTML 40Page - Renesas Technology Corp SH7017 Datasheet HTML 41Page - Renesas Technology Corp SH7017 Datasheet HTML 42Page - Renesas Technology Corp SH7017 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 754 page
background image
1. SH7014/16/17 Overview
Rev.5.00 Sep. 27, 2007 Page 5 of 716
REJ09B0398-0500
Operating Modes:
• Operating modes
⎯ Non-extended ROM mode (SH7014/16/17)
⎯ Extended ROM mode (SH7016/17)
⎯ Single-chip mode (SH7016/17)
• Processing states
⎯ Program execution state
⎯ Exception processing state
• Power-down modes
⎯ Sleep mode
⎯ Software standby mode
Clock Pulse Generator (CPG):
• On-chip clock pulse generator
⎯ On-chip clock-doubling PLL circuit
Product Lineup:
Product Code
On-Chip
ROM
On-Chip
RAM
A/D Precision
Frequency/
Voltage
Temperature Package
HD6417014F28
ROMless
3 kB
±15 LSB
(high-speed A/D)
28.7 MHz/5 V
−20 to +75°C FP-112
HD6417014RF28 ROMless
3 kB
±8 LSB
(high-speed A/D)
28.7 MHz/5 V
−20 to +75°C FP-112
HD6437016F28
64 kB
mask ROM
3 kB
±4 LSB
(mid-speed A/D)
28.7 MHz/5 V
−20 to +75°C FP-112
HD64F7017F28
128 kB
flash
memory
4 kB
±4LSB
(mid-speed A/D)
28.7 MHz/5 V
−20 to +75°C FP-112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com