Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7050 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7050
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7050 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7050 Datasheet HTML 17Page - Renesas Technology Corp SH7050 Datasheet HTML 18Page - Renesas Technology Corp SH7050 Datasheet HTML 19Page - Renesas Technology Corp SH7050 Datasheet HTML 20Page - Renesas Technology Corp SH7050 Datasheet HTML 21Page - Renesas Technology Corp SH7050 Datasheet HTML 22Page - Renesas Technology Corp SH7050 Datasheet HTML 23Page - Renesas Technology Corp SH7050 Datasheet HTML 24Page - Renesas Technology Corp SH7050 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 841 page
background image
Section 1 Overview
Rev. 5.00 Jan 06, 2006 page 1 of 818
REJ09B0273-0500
Section 1 Overview
1.1
Features
The SH7050 series is a single-chip RISC microcontroller that integrates a RISC CPU core using
an original Renesas architecture with peripheral functions required for system configuration.
The CPU has a RISC-type instruction set. Most instructions can be executed in one state (one
system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit
internal architecture enhances data processing power. With this CPU, it has become possible to
assemble low-cost, high-performance/high-functionality systems even for applications such as
real-time control, which could not previously be handled by microcontrollers because of their
high-speed processing requirements.
In addition, the SH7050 series includes on-chip peripheral functions necessary for synchronous
configuration, such as large-capacity ROM and RAM, a direct memory access controller
(DMAC), timers, a serial communication interface (SCI), A/D converter, interrupt controller
(INTC), and I/O ports.
ROM and SRAM can be directly connected by means of an external memory access support
function, greatly reducing system cost.
There are versions of on-chip ROM: mask ROM and F-ZTAT
TM (Flexible Zero Turn Around
Time) with flash memory. The flash memory can be programmed with a programmer that supports
SH7050 series programming, and can also be programmed and erased by software. This enables
the chip to be programmed on the user side while mounted on a board.
The features of the SH7050 series are summarized in table 1.1.
Note
: F-ZTAT is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com