Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7101 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 51Page - Renesas Technology Corp SH7101 Datasheet HTML 52Page - Renesas Technology Corp SH7101 Datasheet HTML 53Page - Renesas Technology Corp SH7101 Datasheet HTML 54Page - Renesas Technology Corp SH7101 Datasheet HTML 55Page - Renesas Technology Corp SH7101 Datasheet HTML 56Page - Renesas Technology Corp SH7101 Datasheet HTML 57Page - Renesas Technology Corp SH7101 Datasheet HTML 58Page - Renesas Technology Corp SH7101 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 560 page
background image
Section 2 CPU
Rev.1.00 Sep. 18, 2008 Page 21 of 522
REJ09B0069-0100
Table 2.3
Delayed Branch Instructions
CPU of This LSI
Description
Example of Conventional CPU
BRA
TRGET
ADD
R1,R0
Executes the ADD before
branching to TRGET.
ADD.W
R1,R0
BRA
TRGET
Multiply/Multiply-and-Accumulate Operations: 16-bit
× 16-bit → 32-bit multiply operations
are executed in one to two states. 16-bit
× 16-bit + 64-bit → 64-bit multiply-and-accumulate
operations are executed in two to three states. 32-bit
× 32-bit → 64-bit multiply and 32-bit × 32-bit
+ 64-bit
→ 64-bit multiply-and-accumulate operations are executed in two to four states.
T Bit: The T bit in the status register changes according to the result of the comparison. Whether a
conditional branch is taken or not taken depends upon the T bit condition (true/false). The number
of instructions that change the T bit is kept to a minimum to improve the processing speed.
Table 2.4
T Bit
CPU of This LSI
Description
Example of Conventional CPU
CMP/GE
R1,R0
BT
TRGET0
BF
TRGET1
T bit is set when R0
≥ R1. The
program branches to TRGET0
when R0
≥ R1 and to TRGET1
when R0 < R1.
CMP.W
R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#
−1,R0
CMP/EQ
#0,R0
BT
TRGET
T bit is not changed by ADD. T bit is
set when R0 = 0. The program
branches if R0 = 0.
SUB.W
#1,R0
BEQ
TRGET
Immediate Data: Byte (8-bit) immediate data is located in an instruction code. Word or longword
immediate data is not located in instruction codes but in a memory table. An immediate data
transfer instruction (MOV) accesses the memory table using the PC relative addressing mode with
displacement.
Table 2.5
Immediate Data Accessing
Classification
CPU of This LSI
Example of Conventional CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOV.W
@(disp,PC),R0
.................
.DATA.W
H'1234
MOV.W
#H'1234,R0
32-bit immediate
MOV.L
@(disp,PC),R0
.................
.DATA.L
H'12345678
MOV.L
#H'12345678,R0
Note:
@(disp, PC) accesses the immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com