Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C11 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C11 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C11 Datasheet HTML 45Page - Renesas Technology Corp R8C11 Datasheet HTML 46Page - Renesas Technology Corp R8C11 Datasheet HTML 47Page - Renesas Technology Corp R8C11 Datasheet HTML 48Page - Renesas Technology Corp R8C11 Datasheet HTML 49Page - Renesas Technology Corp R8C11 Datasheet HTML 50Page - Renesas Technology Corp R8C11 Datasheet HTML 51Page - Renesas Technology Corp R8C11 Datasheet HTML 52Page - Renesas Technology Corp R8C11 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 38 of 204
REJ09B0062-0120
Table 6.2 Setting Clock Related Bit and Modes
Modes
OCD register
OCD2
CM1 register
CM17, CM16
CM0 register
CM06CM05
High-speed mode
0002
00
Medium-
speed
mode
0012
00
0102
00
divided by 2
01
0
0112
00
High-speed,
low-speed
on-chip
oscillator
mode
divided by 4
divided by 8
divided by 16
NOTES:
1. The low-speed on-chip oscillator is used as the on-chip oscillator clock when the CM1 register CM14 bit=0
(low-speed on-chip oscillator on) and HR0 register HR01 bit=0 (low-speed on-chip oscillator selected).
The high-speed on-chip oscillator is used as the on-chip oscillator clock when the HR0 register HR00 bit=1
(high-speed on-chip oscillator on) and HR01 bit=1 (high-speed on-chip oscillator selected).
1012
00 or 1
1102
00 or 1
11
0 or 1
1112
00 or 1
1002
00 or 1
divided by 2
divided by 4
divided by 8
divided by 16
no division
(1)
CM13
1
1
1
1
1
6.4 Power Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com