Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7049 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7049
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7049 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7049 Datasheet HTML 82Page - Renesas Technology Corp SH7049 Datasheet HTML 83Page - Renesas Technology Corp SH7049 Datasheet HTML 84Page - Renesas Technology Corp SH7049 Datasheet HTML 85Page - Renesas Technology Corp SH7049 Datasheet HTML 86Page - Renesas Technology Corp SH7049 Datasheet HTML 87Page - Renesas Technology Corp SH7049 Datasheet HTML 88Page - Renesas Technology Corp SH7049 Datasheet HTML 89Page - Renesas Technology Corp SH7049 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 764 page
background image
Rev. 2.00, 09/04, page 46 of 720
The clock mode is selected by the input of MD2 and MD3 pins.
Table 3.2
Maximum Operating Clock Frequency for Each Clock Mode
Pin Setting
MD3
MD2
Maximum Operating Clock Frequency
0
0
12.5 MHz (Input clock
× 1*, maximum of input clock: 12.5 MHz)
0
1
25 MHz (Input clock
× 2*, maximum of input clock: 12.5 MHz)
1
0
40 MHz (Input clock
× 4*, maximum of input clock: 10 MHz)
1
1
50 MHz (Input clock
× 4 for system clock, Input clock × 2 for
peripheral clock, maximum of input clock: 12.5 MHz)
Note:
*
The frequencies for the system and peripheral module clocks are the same.
3.2
Input/Output Pins
Table 3.3 describes the configuration of operating mode related pins.
Table 3.3
Operating Mode Pin Configuration
Pin Name
Input/Output
Function
MD0
Input
Designates operating mode through the level applied to this pin
MD1
Input
Designates operating mode through the level applied to this pin
MD2
Input
Designates clock mode through the level applied to this pin
MD3
Input
Designates clock mode through the level applied to this pin
FWP
Input
Pin for the hardware protection against programming/erasing the
on-chip flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com