Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7053 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7053
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7053 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7053 Datasheet HTML 82Page - Renesas Technology Corp SH7053 Datasheet HTML 83Page - Renesas Technology Corp SH7053 Datasheet HTML 84Page - Renesas Technology Corp SH7053 Datasheet HTML 85Page - Renesas Technology Corp SH7053 Datasheet HTML 86Page - Renesas Technology Corp SH7053 Datasheet HTML 87Page - Renesas Technology Corp SH7053 Datasheet HTML 88Page - Renesas Technology Corp SH7053 Datasheet HTML 89Page - Renesas Technology Corp SH7053 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 919 page
background image
60
PLLCAP
PLLVCC
PLLVSS
VCC
VSS
Recommended values
CPB, CB: 0.1 µF
Rp: 200
Ω
R1: 3 k
Ω
C1: 470 pF (laminated ceramic)
R1
CPB
CB
Rp
C1
Figure 4.7 Points for Caution in PLL Power Supply Connection
EXTAL
Vss
XTAL
Vcc
PLLVcc
PLLCAP
PLLVss
Figure 4.8 Actual Example of Board Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com