Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7265 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7265
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  2024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7265 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7265 Datasheet HTML 35Page - Renesas Technology Corp SH7265 Datasheet HTML 36Page - Renesas Technology Corp SH7265 Datasheet HTML 37Page - Renesas Technology Corp SH7265 Datasheet HTML 38Page - Renesas Technology Corp SH7265 Datasheet HTML 39Page - Renesas Technology Corp SH7265 Datasheet HTML 40Page - Renesas Technology Corp SH7265 Datasheet HTML 41Page - Renesas Technology Corp SH7265 Datasheet HTML 42Page - Renesas Technology Corp SH7265 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 2024 page
background image
Section 1
Overview
Rev. 1.00 Mar. 14, 2008 Page 3 of 1984
REJ09B0351-0100
Items
Specification
Floating-point unit
(FPU)
• Floating-point co-processor included
• Supports single-precision (32-bit) and double-precision (64-bit)
• Supports data types and exceptions that conform to IEEE754 standard
• Two rounding modes: Round to the nearest and round to zero
• Handling of denormalized numbers: Flush to zero
• Floating-point registers
 Sixteen 32-bit floating-point registers (single-precision × 16 words
or double-precision
× 8 words)
 Two 32-bit floating-point system registers
• Supports FMAC (multiplication and accumulation) instruction
• Supports FDIV (division) and FSQRT (square root) instructions
• Supports FLDI0/FLDI1 (load constant 0/1) instructions
• Instruction execution time
 Latency (FAMC/FADD/FSUB/FMUL): Three cycles (single-
precision), eight cycles (double-precision)
 Pitch (FAMC/FADD/FSUB/FMUL): One cycle (single-precision), six
cycles (double-precision)
Note: FMAC only supports single-precision
• Five-stage pipeline
Exclusive control and
memory sharing
• Supports exclusive control between two CPUs
Semaphore control through registers provided between two CPUs
Exclusive control by TAS.B instruction
Clock pulse generator
(CPG)
• Clock mode: Input clock source can be selected from external input
(EXTAL, CKIO, or USB_X1) or crystal resonator
• Input clock can be multiplied by 16 (max.) by the internal PLL circuit
• Four types of clocks generated:
 CPU0 clock: Maximum 200 MHz
 CPU1 clock: Maximum 200 MHz
 Bus clock: Maximum 66 MHz (CPU0 bus, CPU1 bus and peripheral
buses 1, 2, 3)
 Peripheral clock: Maximum 33 MHz (peripheral bus 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com