Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7053F Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7053F
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7053F Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7053F Datasheet HTML 35Page - Renesas Technology Corp SH7053F Datasheet HTML 36Page - Renesas Technology Corp SH7053F Datasheet HTML 37Page - Renesas Technology Corp SH7053F Datasheet HTML 38Page - Renesas Technology Corp SH7053F Datasheet HTML 39Page - Renesas Technology Corp SH7053F Datasheet HTML 40Page - Renesas Technology Corp SH7053F Datasheet HTML 41Page - Renesas Technology Corp SH7053F Datasheet HTML 42Page - Renesas Technology Corp SH7053F Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 919 page
background image
13
Table 1.2
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name
Function
Advanced
timer unit-II
(ATU-II)
TI9A to
TI9F
136 to 140,
142
Input
ATU-II event
input
(channel 9)
Channel 9 event counter input
pins.
TI10
109
Input
ATU-II
multiplied clock
generation
(channel 10)
Channel 10 external clock
input pin.
Advanced
pulse controller
(APC)
PULS0 to
PULS7
110, 118,
180 to 182,
184, 186,
187
Output
APC pulse
outputs 0 to 7
APC pulse output pins.
Serial
communication
interface (SCI)
TxD0 to
TxD4
91, 103, 105,
111, 113
Output
Transmit data
(channels
0 to 4)
SCI0 to SCI4 transmit data
output pins.
RxD0 to
RxD4
92, 104, 106,
112, 114
Input
Receive data
(channels
0 to 4)
SCI0 to SCI4 receive data
input pins.
SCK0 to
SCK2
108, 109,
110
Input/
output
Serial clock
(channels
0 to 2)
SCI0 to SCI2 clock
input/output pins.
Hitachi
controller area
HTxD
105, 187
Output
Transmit data
CAN bus transmit data output
pins.
network
(HCAN)
HRxD
106, 118
input
Receive data
CAN bus receive data input
pins.
A/D converter
AV
CC
53
Input
Analog power
supply
A/D converter power supply.
AV
SS
55
Input
Analog ground
A/D converter power supply.
AV
ref
54
Input
Analog
reference
power supply
Analog reference power
supply input pins.
AN0 to
AN15
56 to 71
Input
Analog input
Analog signal input pins.
ADTRG0
121
Input
A/D conversion
trigger input
External trigger input pins for
starting A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com