Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C33A Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C33A
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  617 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C33A Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C33A Datasheet HTML 69Page - Renesas Technology Corp R8C33A Datasheet HTML 70Page - Renesas Technology Corp R8C33A Datasheet HTML 71Page - Renesas Technology Corp R8C33A Datasheet HTML 72Page - Renesas Technology Corp R8C33A Datasheet HTML 73Page - Renesas Technology Corp R8C33A Datasheet HTML 74Page - Renesas Technology Corp R8C33A Datasheet HTML 75Page - Renesas Technology Corp R8C33A Datasheet HTML 76Page - Renesas Technology Corp R8C33A Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 617 page
background image
R8C/33A Group
6. Voltage Detection Circuit
REJ09B0455-0010 Rev.0.10
Feb 29, 2008
Page 45 of 586
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
6.2.6
Voltage Monitor 0 Circuit Control Register (VW0C)
Note:
1. The VW0C0 bit is enabled when the VCA25 bit in the VCA2 register is set to 1 (voltage detection 0 circuit
enabled). Set the VW0C0 bit to 0 (disabled) when the VCA25 bit in the VCA2 register is set to 0 (voltage
detection 0 circuit disabled). To set the VW0C0 bit to 1 (enabled), follow the procedure in Table 6.3 Procedure
for Setting Bits Associated with Voltage Monitor 0 Reset
.
Set the PRC3 bit in the PRCR register to 1 (write enabled) before writing the VW0C register.
Address 0038h
Bit
b7b6
b5b4b3b2
b1
b0
Symbol
—
—
VW0F1
VW0F0
—
—
VW0C1
VW0C0
After Reset The LVDAS bit in the OFS register is set to 1.
1
100
X
010
After Reset The LVDAS bit in the OFS register is set to 0.
1
100
X
011
Bit
Symbol
Bit Name
Function
R/W
b0
VW0C0 Voltage monitor 0 reset enable bit (1)
0: Disabled
1: Enabled
R/W
b1
VW0C1 Voltage monitor 0 digital filter disabled mode
select bit
0: Digital filter enabled mode
(digital filter circuit enabled)
1: Digital filter disabled mode
(digital filter circuit disabled)
R/W
b2
—
Reserved bit
Set to 0.
R/W
b3
—
Reserved bit
When read, the content is undefined.
R
b4
VW0F0 Sampling clock select bit
b5 b4
0 0: fOCO-S divided by 1
0 1: fOCO-S divided by 2
1 0: fOCO-S divided by 4
1 1: fOCO-S divided by 8
R/W
b5
VW0F1
R/W
b6
—
Reserved bits
Set to 1.
R/W
b7
—
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com