Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C35A Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R8C35A
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C35A Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R8C35A Datasheet HTML 82Page - Renesas Technology Corp R8C35A Datasheet HTML 83Page - Renesas Technology Corp R8C35A Datasheet HTML 84Page - Renesas Technology Corp R8C35A Datasheet HTML 85Page - Renesas Technology Corp R8C35A Datasheet HTML 86Page - Renesas Technology Corp R8C35A Datasheet HTML 87Page - Renesas Technology Corp R8C35A Datasheet HTML 88Page - Renesas Technology Corp R8C35A Datasheet HTML 89Page - Renesas Technology Corp R8C35A Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 766 page
background image
R8C/35A Group
6. Voltage Detection Circuit
REJ09B0407-0010 Rev.0.10
Jan 16, 2008
Page 55 of 728
Under development Preliminary specification
Specifications in this manual are tentative and subject to change
Figure 6.7
Operating Example of Voltage Monitor 2 Interrupt
Vdet2
VW1C3 bit
VCC or LVCMP2
The above applies when:
• VCA27 bit in VCA2 register = 1 (voltage detection 2 circuit enabled)
• VW2C0 bit in VW2C register = 1 (voltage monitor 2 interrupt enabled)
Note:
1. If voltage monitor 0 reset is not used, set the power supply to VCC
≥ 1.8 V.
1.8 V (1)
0
1
Sampling clock of
digital filter
× 2 cycles
VW2C2 bit
0
1
VW2C2 bit
0
1
VW2C1 bit is set to 1
(digital filter disabled),
VCAC2 bit is set to 0
(one edge),
and
VW2C7 bit is set to 0
(when VCC or LVCMP2
reaches Vdet2 or above)
VCA13: Bit in VCA1 register
VW2C1, VW2C2, VW2C3, VW2C7: Bits in VW2C register
VCAC2: Bit in VCAC register
Sampling clock of
digital filter
× 2 cycles
Set to 0 by a program.
Voltage monitor 2
interrupt request
Voltage monitor 2
interrupt request
Set to 0 when an interrupt request
is acknowledged.
VW2C2 bit
0
1
Voltage monitor 2
interrupt request
VW2C1 bit is set to 0
(digital filter enabled)
and
VCAC2 bit is set to 1
(both edges)
VW2C2 bit
0
1
Set to 0 when an interrupt request
is acknowledged.
Set to 0 by a program.
Voltage monitor 2
interrupt request
VW2C1 bit is set to 0
(digital filter enabled),
VCAC2 bit is set to 0
(one edge),
and
VW2C7 bit is set to 0
(when VCC or LVCMP2
reaches Vdet2 or above)
VW2C2 bit
0
1
Voltage monitor 2
interrupt request
VW2C1 bit is set to 0
(digital filter enabled),
VCAC2 bit is set to 0
(one edge),
and
VW2C7 bit is set to 1
(when VCC or LVCMP2
reaches Vdet2 or below)
Set to 0 by a program.
VW2C2 bit
0
1
Voltage monitor 2
interrupt request
VW2C1 bit is set to 1
(digital filter disabled)
and
VCAC2 bit is set to 1
(both edges)
Set to 0 by a program.
Set to 0 when an interrupt request
is acknowledged.
Set to 0 by a program.
Set to 0 when an interrupt request
is acknowledged.
Set to 0 by a program.
VW2C1 bit is set to 1
(digital filter disabled),
VCAC2 bit is set to 0
(one edge),
and
VW2C7 bit is set to 1
(when VCC or LVCMP2
reaches Vdet2 or below)
Set to 0 when an interrupt request
is acknowledged.
Set to 0 when an interrupt request
is acknowledged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com