Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C16 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C16 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C16 Datasheet HTML 35Page - Renesas Technology Corp R8C16 Datasheet HTML 36Page - Renesas Technology Corp R8C16 Datasheet HTML 37Page - Renesas Technology Corp R8C16 Datasheet HTML 38Page - Renesas Technology Corp R8C16 Datasheet HTML 39Page - Renesas Technology Corp R8C16 Datasheet HTML 40Page - Renesas Technology Corp R8C16 Datasheet HTML 41Page - Renesas Technology Corp R8C16 Datasheet HTML 42Page - Renesas Technology Corp R8C16 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 279 page
background image
R8C/16 Group, R8C/17 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 26 of 254
REJ09B0169-0210
Figure 6.1
Block Diagram of Voltage Detection Circuit
Figure 6.2
Block Diagram of Voltage Monitor 1 Reset Generation Circuit
≥ Vdet2
VCA27
Noise Filter
+
-
VCA26
+
-
VCC
≥ Vdet1
b3
VCA13 Bit
VCA1 Register
Voltage Detection 2
Signal
Voltage Detection 1
Signal
Internal
Reference
Voltage
+
-
1/2
1/2
1/2
Voltage Detection 1 Circuit
VCA26
VCC
Internal
Reference
Voltage
Voltage detection 1
signal is held “H” when
VCA26 bit is set to “0”
(disabled)
Voltage
Detection 1
Signal
Digital
Filter
fRING-S
VW1F1 to VW1F0
=00b
=01b
=10b
=11b
VW1C7
VW1C1
Voltage
Monitor 1
Reset
Signal
Voltage Monitor 1 Reset Generation Circuit
VW1C0 to VW1C1, VW1F0 to VW1F1, VW1C6, VW1C7 : Bits in VW1C register
VCA26: Bit in VCA2 register
VW1C0
VW1C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com