Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7280 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7280
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7280 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7280 Datasheet HTML 35Page - Renesas Technology Corp SH7280 Datasheet HTML 36Page - Renesas Technology Corp SH7280 Datasheet HTML 37Page - Renesas Technology Corp SH7280 Datasheet HTML 38Page - Renesas Technology Corp SH7280 Datasheet HTML 39Page - Renesas Technology Corp SH7280 Datasheet HTML 40Page - Renesas Technology Corp SH7280 Datasheet HTML 41Page - Renesas Technology Corp SH7280 Datasheet HTML 42Page - Renesas Technology Corp SH7280 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1726 page
background image
Section 1 Overview
Rev. 1.00 Jun. 26, 2008 Page 9 of 1692
REJ09B0393-0100
1.2
Block Diagram
SH-2A
CPU core
On-chip RAM
On-chip ROM
User break
controller (UBC)
Bus state
controller
(BSC)
Peripheral
bus controller
Direct memory
access controller
(DMAC)
Pin function
controller
(PFC)
I/O
ports
Clock pulse
generator
(CPG)
Interrupt
controller
(INTC)
Multi-function
timer pulse
unit 2S
(MTU2S)
Multi-function
timer pulse
unit 2
(MTU2)
Port output
enable 2
(POE2)
Compare
match
timer
(CMT)
Internal bus (B clock)
Peripheral bus (P clock)
Watchdog
timer
(WDT)
Serial
communication
interface
(SCI)
Synchronous
serial
communication
interface
(SSU)
Serial
communication
interface
with FIFO
(SCIF)
I2C bus
interface 3
(IIC3)
12-bit A/D
converter
(ADC)
Power-down
mode
control
User debugging
interface
(H-UDI)
CPU instruction fetch bus (F bus)
CPU bus
(C bus)
(I clock)
CPU memory access bus (M bus)
Data transfer
controller
(DTC)
Controller
area network
(RCAN-ET)
D/A
converter
(DAC)
Universal
serial bus
(USB) *1
*2
*1
*2
*1
Notes:
1.
Only in SH7286 and SH7285
2.
Only in SH7286
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com