Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 387Page - Renesas Technology Corp M16C/62A Datasheet HTML 388Page - Renesas Technology Corp M16C/62A Datasheet HTML 389Page - Renesas Technology Corp M16C/62A Datasheet HTML 390Page - Renesas Technology Corp M16C/62A Datasheet HTML 391Page - Renesas Technology Corp M16C/62A Datasheet HTML 392Page - Renesas Technology Corp M16C/62A Datasheet HTML 393Page - Renesas Technology Corp M16C/62A Datasheet HTML 394Page - Renesas Technology Corp M16C/62A Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-74
2.5 Clock-Asynchronous Serial I/O (UART) Usage
2.5.1 Overview of the clock-asynchronous serial I/O usage
UART handles communications by means of character-by-character synchronization. The transmission
side and the reception side are independent of each other, so full-duplex communication is possible. The
following is an overview of the clock-asynchronous serial I/O usage.
(1) Transmission/reception format
Figure 2.5.1 shows the transmission/reception format, and Table 2.5.1 shows the names and func-
tions of transmission data.
Figure 2.5.1. Transmission/reception format
Transfer data length : 7 bits
1ST – 7DATA
1SP
1ST – 7DATA
2SP
1ST – 7DATA – 1PAR – 1SP
1ST – 7DATA – 1PAR – 2SP
Transfer data length : 8 bits
1ST – 8DATA
1SP
1ST – 8DATA
2SP
1ST – 8DATA – 1PAR – 1SP
1ST – 8DATA – 1PAR – 2SP
Transfer data length : 9 bits
1ST – 9DATA
1SP
1ST – 9DATA
2SP
1ST – 9DATA – 1PAR – 1SP
1ST – 9DATA – 1PAR – 2SP
ST
: Start bit
DATA : Character bit (Transfer data)
PAR
: Parity bit
SP
: Stop bit
Name
Function
ST (start bit)
DATA (character bits)
SP (stop bit)
A 1-bit “L” signal to be added immediately before character bits.
This bit signals the start of data transmission.
Transmission data set in the UARTi transmit buffer register.
A signal to be added immediately after character bits so as to increase data
reliability. The level of this signal so varies that the total number of 1's in
character bits and this bit always becomes even or odd depending on which
parity is chosen, even or odd.
PAR (parity bit)
Either 1-bit or 2-bit “H” signal to be added immediately after character bits (after
the parity bit if parity is checked). This / they signals the end of data
transmission.
Table 2.5.1. Transmission data names and functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com