Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 388Page - Renesas Technology Corp M16C/62A Datasheet HTML 389Page - Renesas Technology Corp M16C/62A Datasheet HTML 390Page - Renesas Technology Corp M16C/62A Datasheet HTML 391Page - Renesas Technology Corp M16C/62A Datasheet HTML 392Page - Renesas Technology Corp M16C/62A Datasheet HTML 393Page - Renesas Technology Corp M16C/62A Datasheet HTML 394Page - Renesas Technology Corp M16C/62A Datasheet HTML 395Page - Renesas Technology Corp M16C/62A Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-75
(2) Transfer rate
The divide-by-16 frequency, resulting from division in the bit rate generator (BRG), becomes the trans-
fer rate. The count source for the transfer rate register can be selected from f1, f8, f32, and the input
from the CLK pin. Clocks f1, f8, f32 are derived by dividing the CPU’s main clock by 1, 8, and 32
respectively.
Baud rate
(bps)
BRG's
count source
System clock : 16MHz
System clock : 7.3728MHz
BRG's set value : n
Actual time (bps)
BRG's set value : n
600
1200
2400
4800
9600
14400
19200
28800
31250
f8
f8
f8
f1
f1
f1
f1
f1
f1
207 (CF16)
103 (6716)
51 (3316)
207 (CF16)
103 (6716)
68 (4416)
51 (3316)
34 (2216)
33 (2116)
601
1202
2404
4808
9615
14493
19231
28571
31250
95 (5F16)
47 (2F16)
23 (1716)
95 (5F16)
47 (2F16)
31 (1F16)
23 (1716)
15 (F16)
600
1200
2400
4800
9600
14400
19200
28800
Actual time (bps)
Table 2.5.2. Example of baud rate setting
Table 2.5.3. Error detection
Type of error
When the flag turns on
Description
How to clear the flag
• This error occurs when the
next data lines up before the
content of the UARTi receive
buffer register is read.
• The next data is written to the
UARTi receive buffer register.
• The UARTi receive interrupt
request bit does not change.
• This error occurs when the
stop bit falls short of the set
number of stop bits.
• With parity enabled, this error
occurs when the total number
of 1's in character bits and the
parity bit is different from the
specified number.
• This flag turns on when any
error (overrun, framing, or
parity) is detected.
The error is detected
when data is
transferred from the
UARTi receive register
to the UARTi receive
buffer register.
• Set the serial I/O mode select
bits to “0002”.
• Set the receive enable bit to
“0”.
• When all error (overrun,
framing, and parity) are
removed, the flag is cleared.
• Set the serial I/O mode select
bits to ”0002”.
• Set the receive enable bit to
“0”.
• Read the lower-order byte of
the UARTi receive buffer
register.
Overrun error
Framing error
Parity error
Error-sum flag
(3) An error detection
In clock-asynchronous serial I/O mode, detect errors are shown in Table 2.5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com