Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 283Page - Renesas Technology Corp M16C/62A Datasheet HTML 284Page - Renesas Technology Corp M16C/62A Datasheet HTML 285Page - Renesas Technology Corp M16C/62A Datasheet HTML 286Page - Renesas Technology Corp M16C/62A Datasheet HTML 287Page - Renesas Technology Corp M16C/62A Datasheet HTML 288Page - Renesas Technology Corp M16C/62A Datasheet HTML 289Page - Renesas Technology Corp M16C/62A Datasheet HTML 290Page - Renesas Technology Corp M16C/62A Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 615 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-268
Baud Rate 19200
This command changes baud rate to 19,200 bps. Execute it as follows.
(1) Transfer the "B116" command code with the 1st byte.
(2) After the "B116" check code is output with the 2nd byte, change the baud rate to 19,200 bps.
Figure 1.29.40. Timing of baud rate 19200
Baud Rate 38400
This command changes baud rate to 38,400 bps. Execute it as follows.
(1) Transfer the "B216" command code with the 1st byte.
(2) After the "B216" check code is output with the 2nd byte, change the baud rate to 38,400 bps.
Figure 1.29.41. Timing of baud rate 38400
Baud Rate 57600
This command changes baud rate to 57,600 bps. Execute it as follows.
(1) Transfer the "B316" command code with the 1st byte.
(2) After the "B316" check code is output with the 2nd byte, change the baud rate to 57,600 bps.
Figure 1.29.42. Timing of baud rate 57600
RxD1
TxD1
B116
(M16C reception data)
(M16C transmit data)
B116
RxD1
TxD1
B316
(M16C reception data)
(M16C transmit data)
B316
RxD1
TxD1
B216
(M16C reception data)
(M16C transmit data)
B216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com