Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 286Page - Renesas Technology Corp M16C/62A Datasheet HTML 287Page - Renesas Technology Corp M16C/62A Datasheet HTML 288Page - Renesas Technology Corp M16C/62A Datasheet HTML 289Page - Renesas Technology Corp M16C/62A Datasheet HTML 290Page - Renesas Technology Corp M16C/62A Datasheet HTML 291Page - Renesas Technology Corp M16C/62A Datasheet HTML 292Page - Renesas Technology Corp M16C/62A Datasheet HTML 293Page - Renesas Technology Corp M16C/62A Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-271
Differences between M16C/62A and M16C/62
Item
M16C/62A
M16C/62
Serial I/O
EPROM / one time
PROM version
Have
IIC bus mode
Memory area
Memory expansion
1.2 Mbytes mode
4 Mbytes mode
1 Mbyte fixed
No CTS/RTS separate function
CTS/RTS separate function
Analog or digital delay is selected as
SDA delay
Only analog delay is selected as
SDA delay
None
Flash memory version
Clock synchronized only
Standard serial I/O mode (clock
asynchronized ) is supported
Address
M16C/62A
M16C/62
000516
Register name
b5,b4
Reserved bits
b5,b4
Memory area
expansion bits
Processor mode register 1 (PM1)
000B16
Reserved register
Have
Data bank register (DBR)
03B016
b6
Reserved bit
b6
CTS/RTS separation bit
UART transmit/receive register 2
(UCON)
037516
Have
None
UART2 special mode register 3
(U2SMR3)
037716
b7
SDA digital delay select
bit
b7
Reserved bit
UART2 special mode register
(U2SMR)
Differences in SFR between M16C/62A and M16C/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com