Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7641 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7641 Datasheet HTML 69Page - Renesas Technology Corp SH7641 Datasheet HTML 70Page - Renesas Technology Corp SH7641 Datasheet HTML 71Page - Renesas Technology Corp SH7641 Datasheet HTML 72Page - Renesas Technology Corp SH7641 Datasheet HTML 73Page - Renesas Technology Corp SH7641 Datasheet HTML 74Page - Renesas Technology Corp SH7641 Datasheet HTML 75Page - Renesas Technology Corp SH7641 Datasheet HTML 76Page - Renesas Technology Corp SH7641 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1040 page
background image
Section 1 Overview
Rev. 2.00 Mar. 15, 2007 Page 23 of 986
REJ09B0346-0200
Classification
Symbol
I/O
Name
Function
XVDATA
I
Data input
Input pin for receive data from USB
differential receiver
USB function
module
DPLS
I
D+ input
Input pin for D+ signal from USB
receiver
DMNS
I
D- input
Input pin for D- signal from USB
receiver
TXDPLS
O
D+ output
D+ transmit output pin to USB
transceiver
TXDMNS
O
D- output
D- transmit output pin to USB
transceiver
TXENL
O
Output enable
Output enable pin to USB
transceiver
VBUS
I
USB power
supply monitor
USB cable connection monitor pin
SUSPND
O
Suspend
USB transceiver suspend state
output pin
UCLK
I
USB clock
USB clock input pin (48 MHz input)
DP
I/O
D+ input/output
Input/output pin for D+ signal to/from
transceiver
DM
I/O
D- input/output
Input/output pin for D- signal to/from
transceiver
A/D converter
AN7 to AN0
I
Analog input pins Analog input pins
AVcc
I
Analog power
supply for the
A/D converter
Power supply pin for the A/D
converter
AVss
I
Analog ground
for the A/D
converter
The ground pin for the A/D
converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com