Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7243 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 3Page - Renesas Technology Corp SH7243 Datasheet HTML 4Page - Renesas Technology Corp SH7243 Datasheet HTML 5Page - Renesas Technology Corp SH7243 Datasheet HTML 6Page - Renesas Technology Corp SH7243 Datasheet HTML 7Page - Renesas Technology Corp SH7243 Datasheet HTML 8Page - Renesas Technology Corp SH7243 Datasheet HTML 9Page - Renesas Technology Corp SH7243 Datasheet HTML 10Page - Renesas Technology Corp SH7243 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1726 page
background image
Rev. 1.00 Jun. 26, 2008 Page vii of xxx
3. Description of Registers
Each register description includes a bit chart, illustrating the arrangement of bits, and a table of
bits, describing the meanings of the bit settings. The standard format and notation for bit charts
and tables are described below.
Indicates the bit number or numbers.
In the case of a 32-bit register, the bits are arranged in order from 31 to 0. In the case
of a 16-bit register, the bits are arranged in order from 15 to 0.
Indicates the name of the bit or bit field.
When the number of bits has to be clearly indicated in the field, appropriate notation is
included (e.g., ASID[3:0]).
A reserved bit is indicated by "
−".
Certain kinds of bits, such as those of timer counters, are not assigned bit names. In such
cases, the entry under Bit Name is blank.
(1) Bit
(2) Bit name
Indicates the value of each bit immediately after a power-on reset, i.e., the initial value.
0: The initial value is 0
1: The initial value is 1
−: The initial value is undefined
(3) Initial value
For each bit and bit field, this entry indicates whether the bit or field is readable or writable,
or both writing to and reading from the bit or field are impossible.
The notation is as follows:
R/W:
R/(W):
R:
W:
The bit or field is readable and writable.
The bit or field is readable and writable.
However, writing is only performed to flag clearing.
The bit or field is readable.
"R" is indicated for all reserved bits. When writing to the register, write
the value under Initial Value in the bit chart to reserved bits or fields.
The bit or field is writable.
Note:
The bit names and sentences in the above figure are examples, and have nothing to do with the contents of this
manual.
(4) R/W
Describes the function of the bit or field and specifies the values for writing.
(5) Description
Bit
15
13 to 11
10
9
0
All 0
0
0
1
R
R/W
R
R
Address Identifier
These bits enable or disable the pin function.
Reserved
This bit is always read as 0.
Reserved
This bit is always read as 1.
−
ASID2 to
ASID0
−
−
−
Bit Name
Initial Value R/W
Description
[Bit Chart]
[Table of Bits]
14
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000001000000000
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ASID2

ACMP2
Q
IFE
ASID1 ASID0
ACMP1 ACMP0
−
0
R
(1)
(2)
(3)
(4)
(5)
Reserved
These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com