Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4501 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 25Page - Renesas Technology Corp 4501 Datasheet HTML 26Page - Renesas Technology Corp 4501 Datasheet HTML 27Page - Renesas Technology Corp 4501 Datasheet HTML 28Page - Renesas Technology Corp 4501 Datasheet HTML 29Page - Renesas Technology Corp 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp 4501 Datasheet HTML 32Page - Renesas Technology Corp 4501 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 212 page
background image
1-17
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
PROGRAM MEMOY (ROM)
The program memory is a mask ROM. 1 word of ROM is composed
of 10 bits. ROM is separated every 128 words by the unit of page
(addresses 0 to 127). Table 1 shows the ROM size and pages. Fig-
ure 10 shows the ROM map of M34501M4.
Table 1 ROM size and pages
Part number
M34501M2
M34501M4
M34501E4
ROM (PROM) size
(✕ 10 bits)
2048 words
4096 words
4096 words
Pages
16 (0 to 15)
32 (0 to 31)
32 (0 to 31)
A part of page 1 (addresses 008016 to 00FF16) is reserved for in-
terrupt addresses (Figure 11). When an interrupt occurs, the
address (interrupt address) corresponding to each interrupt is set
in the program counter, and the instruction at the interrupt address
is executed. When using an interrupt service routine, write the in-
struction generating the branch to that routine at an interrupt
address.
Page 2 (addresses 010016 to 017F16) is the special page for sub-
routine calls. Subroutines written in this page can be called from
any page with the 1-word instruction (BM). Subroutines extending
from page 2 to another page can also be called with the BM in-
struction when it starts on page 2.
ROM pattern (bits 7 to 0) of all addresses can be used as data ar-
eas with the TABP p instruction.
Fig. 10 ROM map of M34501M4/M34501E4
Fig. 11 Page 1 (addresses 008016 to 00FF16) structure
0
876
543
2
1
000016
008016
017F16
Subroutine special page
007F16
00FF16
010016
018016
Page 1
Page 2
Page 0
Page 3
Page 31
0FFF16
Interrupt address page
9
90
8
765
432
1
External 0 interrupt address
008016
008216
Timer 1 interrupt address
008416
Timer 2 interrupt address
008616
008816
008A16
00FF16
A/D interrupt address
008C16
008E16
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com