Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4502 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 7Page - Renesas Technology Corp 4502 Datasheet HTML 8Page - Renesas Technology Corp 4502 Datasheet HTML 9Page - Renesas Technology Corp 4502 Datasheet HTML 10Page - Renesas Technology Corp 4502 Datasheet HTML 11Page - Renesas Technology Corp 4502 Datasheet HTML 12Page - Renesas Technology Corp 4502 Datasheet HTML 13Page - Renesas Technology Corp 4502 Datasheet HTML 14Page - Renesas Technology Corp 4502 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 214 page
background image
4502 Group
vii
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
List of tables
CHAPTER 1 HARDWARE
Table Selection of system clock .................................................................................................. 1-6
Table 1 ROM size and pages .................................................................................................... 1-16
Table 2 RAM size ........................................................................................................................ 1-17
Table 3 Interrupt sources ............................................................................................................ 1-18
Table 4 Interrupt request flag, interrupt enable bit and skip instruction .............................. 1-18
Table 5 Interrupt enable bit function ......................................................................................... 1-18
Table 6 Interrupt control registers ............................................................................................. 1-20
Table 7 External interrupt activated conditions ........................................................................ 1-22
Table 8 External interrupt control register ................................................................................ 1-23
Table 9 Function related timers ................................................................................................. 1-25
Table 10 Timer control registers ................................................................................................ 1-27
Table 11 A/D converter characteristics ..................................................................................... 1-32
Table 12 A/D control registers ................................................................................................... 1-33
Table 13 Change of successive comparison register AD during A/D conversion .............. 1-34
Table 14 Port state at reset ....................................................................................................... 1-38
Table 15 Functions and states retained at RAM back-up ..................................................... 1-41
Table 16 Return source and return condition .......................................................................... 1-42
Table 17 Key-on wakeup control register ................................................................................. 1-44
Table 18 Pull-up control register and interrupt control register ............................................ 1-45
Table 19 Clock control register MR .......................................................................................... 1-48
Table 20 Product of built-in PROM version ........................................................................... 1-104
CHAPTER 2 APPLICATION
Table 2.1.1 Key-on wakeup control register K0 ........................................................................ 2-6
Table 2.1.2 Pull-up control register PU0 .................................................................................... 2-6
Table 2.1.3 Key-on wakeup control register K1 ........................................................................ 2-7
Table 2.1.4 Pull-up control register PU1 .................................................................................... 2-7
Table 2.1.5 Key-on wakeup control register K2 ........................................................................ 2-8
Table 2.1.6 Pull-up control register PU2 .................................................................................... 2-8
Table 2.1.7 Timer control register W6 ........................................................................................ 2-9
Table 2.1.8 connections of unused pins ................................................................................... 2-12
Table 2.2.1 Interrupt control register V1 ................................................................................... 2-14
Table 2.2.2 Interrupt control register V2 ................................................................................... 2-15
Table 2.2.3 Interrupt control register I1 .................................................................................... 2-16
Table 2.3.1 Interrupt control register V1 ................................................................................... 2-23
Table 2.3.2 Timer control register W1 ...................................................................................... 2-23
Table 2.3.3 Timer control register W2 ...................................................................................... 2-24
Table 2.3.4 Timer control register W6 ...................................................................................... 2-24
Table 2.3.5 Recommended operating condition of pulse width input to CNTR pin ........... 2-33
Table 2.4.1 A/D control register Q1 .......................................................................................... 2-35
Table 2.4.2 Recommended operating conditions (when using A/D converter) ................... 2-38
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com