Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4524_M Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 4524_M
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 720 FAMILY / 4500 SERIES
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4524_M Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 4524_M Datasheet HTML 82Page - Renesas Technology Corp 4524_M Datasheet HTML 83Page - Renesas Technology Corp 4524_M Datasheet HTML 84Page - Renesas Technology Corp 4524_M Datasheet HTML 85Page - Renesas Technology Corp 4524_M Datasheet HTML 86Page - Renesas Technology Corp 4524_M Datasheet HTML 87Page - Renesas Technology Corp 4524_M Datasheet HTML 88Page - Renesas Technology Corp 4524_M Datasheet HTML 89Page - Renesas Technology Corp 4524_M Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 310 page
background image
4524 Group
HARDWARE
Rev.2.00
Aug, 06 2004
REJ09B0107-0200Z
1-73
Fig. 59 Switch to ceramic oscillation/RC oscillation
Fig. 60 Handling of XIN and XOUT when operating on-chip oscillator
Fig. 61 Ceramic resonator external circuit
Fig. 62 External RC oscillation circuit
Execute the CMCK instruc-
tion in program.
Note: Externally connect a damping
resistor Rd depending on the
oscillation frequency.
(A feedback resistor is built-in.)
Use the resonator manu-
facturer’s recommended value
because constants such as ca-
pacitance depend on the
resonator.
(1) Main clock generating circuit (f(XIN))
The ceramic resonator or RC oscillation can be used for the main
clock of this MCU.
After system is released from reset, the MCU starts operation by
the clock output from the on-chip oscillator which is the internal os-
cillator.
When the ceramic resonator is used, execute the CMCK instruc-
tion. When the RC oscillation is used, execute the CRCK
instruction. The oscillation circuit by the CMCK or CRCK instruction
is valid only at once. The oscillation circuit corresponding to the first
executed one of these two instructions is valid. Other oscillation cir-
cuit and the on-chip oscillator stop.
Execute the CMCK or the CRCK instruction in the initial setting rou-
tine of program (executing it in address 0 in page 0 is
recommended). Also, when the CMCK or the CRCK instruction is
not executed in program, this MCU operates by the on-chip oscilla-
tor.
(2) On-chip oscillator operation
When the MCU operates by the on-chip oscillator as the main clock
(f(XIN)) without using the ceramic resonator or the RC oscillation,
connect XIN pin to VSS and leave XOUT pin open (Figure 60).
The clock frequency of the on-chip oscillator depends on the supply
voltage and the operation temperature range.
Be careful that margin of frequencies when designing application
products.
(3) Ceramic resonator
When the ceramic resonator is used as the main clock (f(XIN)), con-
nect the ceramic resonator and the external circuit to pins XIN and
XOUT at the shortest distance. Then, execute the CMCK instruction.
A feedback resistor is built in between pins XIN and XOUT (Figure
61).
(4) RC oscillation
When the RC oscillation is used as the main clock (f(XIN)), connect
the XIN pin to the external circuit of resistor R and the capacitor C
at the shortest distance and leave XOUT pin open. Then, execute
the CRCK instruction (Figure 62).
The frequency is affected by a capacitor, a resistor and a micro-
computer. So, set the constants within the range of the frequency
limits.
*
Reset
On-chip oscillator
operation
CMCK instruction
CRCK instruction
• Ceramic resonator valid
• On-chip oscillator stop
• RC oscillation stop
• RC oscillation valid
• On-chip oscillator stop
• Ceramic resonator stop
M34524
XIN
XOUT
*
Do not use the CMCK instruction
and CRCK instruction in program.
M34524
XIN
XOUT
Rd
CIN
COUT
M34524
XIN
XOUT
R
C
*
Execute the CRCK
instruction in program.
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com