Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7712 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7712
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  978 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7712 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7712 Datasheet HTML 82Page - Renesas Technology Corp SH7712 Datasheet HTML 83Page - Renesas Technology Corp SH7712 Datasheet HTML 84Page - Renesas Technology Corp SH7712 Datasheet HTML 85Page - Renesas Technology Corp SH7712 Datasheet HTML 86Page - Renesas Technology Corp SH7712 Datasheet HTML 87Page - Renesas Technology Corp SH7712 Datasheet HTML 88Page - Renesas Technology Corp SH7712 Datasheet HTML 89Page - Renesas Technology Corp SH7712 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 978 page
background image
Section 2 CPU
Rev. 1.00 Dec. 27, 2005 Page 44 of 932
REJ09B0269-0100
Note:
When the external memory is accessed through the E-DMAC module, big endian is
supported, but little endian is not supported. Therefore, if the external memory is accessed
through the E-DMAC module in little endian mode, data format should be converted from
big endian mode to little endian mode through software.
2.5
Features of CPU Core Instructions
2.5.1
Instruction Execution Method
Instruction Length: All instructions have a fixed length of 16 bits and are executed in the
sequential pipeline. In the sequential pipeline, almost all instructions can be executed in one cycle.
All data items are handles in longword (32 bits). Memory can be accessed in byte, word, or
longword. In this case, Memory byte or word data is sign-extended and operated on as longword
data. Immediate data is sign-extended to longword size for arithmetic operations (MOV, ADD,
and CMP/EQ instructions) or zero-extended to longword size for logical operations (TST, AND,
OR, and XOR instructions).
Load/Store Architecture: Basic operations are executed between registers. In operations
involving memory, data is first loaded into a register (load/store architecture). However, bit
manipulation instructions such as AND are executed directly on memory.
Delayed Branching: Unconditional branch instructions are executed as delayed branches. With a
delayed branch instruction, the branch is made after execution of the instruction (called the slot
instruction) immediately following the delayed branch instruction. This minimizes disruption of
the pipeline when a branch is made.
This LSI supports two types of conditional branch instructions: delayed branch instruction or
normal branch instruction.
Example:
BRA
TARGET
ADD
R1, R0
; ADD is executed before branching to the TARGET
T Bit: The result of a comparison is indicated by the T bit in the status register (SR), and a
conditional branch is performed according to whether the result is True or False. Processing speed
has been improved by keeping the number of instructions that modify the T bit to a minimum.
Example:
ADD
#1, R0
; The T bit cannot be modified by the ADD instruction
CMP/EQ
#0, R0
; The T bit is set to 1 if R0 is 0.
BT
Target
; Branch to TARGET if the T bit is set to 1 (R0=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com