Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY60NA20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STY60NA20
Description  N - CHANNEL 200V - 0.030ohm - 60 A - Max247 FAST POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY60NA20 Datasheet(HTML) 1 Page - STMicroelectronics

  STY60NA20 Datasheet HTML 1Page - STMicroelectronics STY60NA20 Datasheet HTML 2Page - STMicroelectronics STY60NA20 Datasheet HTML 3Page - STMicroelectronics STY60NA20 Datasheet HTML 4Page - STMicroelectronics STY60NA20 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STY60NA20
N - CHANNEL 200V - 0.030
Ω - 60 A - Max247
FAST POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.030
Ω
s
EFFICIENT AND RELIABLE MOUNTING
THROUGH CLIP
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
REPETITIVE AVALANCHE TESTED
s
LOW INTRINSIC CAPACITANCE
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
DESCRIPTION
T he Max247
TM package is a new high volume
power package exibiting the same footprint as the
industr y st andard T O-247, but designed to
accomodate much larger silicon chips, normally
supplied in bigger packages such as T O-264. The
increased die capacit y makes t he device ideal to
reduce component count in mult iple paralleled
designs and save board space with respect to
larger packages.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES (UPS)
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STY60NA20
200 V
< 0. 032
Ω
60 A
August 1998
1
2
3
Max247
TM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VDS
Drain-source Volt age (VGS = 0)
200
V
VDGR
Drain- gat e Volt age (RGS =20 k
Ω)
200
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC60
A
ID
Drain Current (continuous) at Tc =100
oC40
A
IDM(
•)
Drain Current (pulsed)
240
A
Ptot
Total Dissipation at Tc =25
oC
300
W
Derat ing Factor
2.4
W/
oC
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
(
•) Pulse width limited by safe operating area
1/4


Similar Part No. - STY60NA20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STY60NA20 ISC-STY60NA20 Datasheet
364Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STY60NA20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
STY100NS20FD STMICROELECTRONICS-STY100NS20FD_06 Datasheet
232Kb / 12P
N-channel 200V - 0.022Ω - 100A - Max247 MESH OVERLAY??Power MOSFET
15-May-2006
logo
Renesas Technology Corp
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
60 V ??60 A ??N-channel Power MOS FET
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
60 V ??60 A ??N-channel Power MOS FET
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PDK RENESAS-NP60N06PDK_V01 Datasheet
528Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com