Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7760 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7760
Description  SuperHTM RISC engine
PDF  1345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7760 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7760 Datasheet HTML 82Page - Renesas Technology Corp SH7760 Datasheet HTML 83Page - Renesas Technology Corp SH7760 Datasheet HTML 84Page - Renesas Technology Corp SH7760 Datasheet HTML 85Page - Renesas Technology Corp SH7760 Datasheet HTML 86Page - Renesas Technology Corp SH7760 Datasheet HTML 87Page - Renesas Technology Corp SH7760 Datasheet HTML 88Page - Renesas Technology Corp SH7760 Datasheet HTML 89Page - Renesas Technology Corp SH7760 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1345 page
background image
Rev. 1.0, 02/03, page 36 of 1294
Saved General Register 15 (SGR): The contents of R15 are saved to SGR in the event of an
exception or interrupt.
Debug Base Register (DBR): When the user break debugging function is enabled (BRCR.UBDE
= 1), DBR is referenced as the branch destination address of the user break handler instead of
VBR.
2.2.4
System Registers
The system registers are 32 bits long. They consist of two multiply-and-accumulate registers
(MACH and MACL), the procedure register (PR), the program counter (PC), the floating-point
status/control register (FPSCR), and the floating-point communication register (FPUL). For details
on FPSCR and FPUL, see section 3, Floating-Point Unit (FPU).
Multiply-and-Accumulate Registers (MACH and MACL): MACH and MACL are used for the
added value in a MAC instruction, and to store the operation result of a MAC or MUL instruction.
Procedure Register (PR): The return address is stored in PR in a subroutine call using a BSR,
BSRF, or JSR instruction. PR is referenced by the subroutine return instruction (RTS).
Program Counter (PC): PC indicates the address of the instruction currently being executed.
2.2.5
FPU Registers
See section 3, Floating-Point Unit (FPU).
2.3
Memory-Mapped Registers
For details on the control registers mapped to memory, see section 32, List of Registers. The
control registers are double-mapped to the following two memory areas. All registers have two
addresses.
H'1C00 0000 to H'1FFF FFFF
H'FC00 0000 to H'FFFF FFFF
These two areas are used as follows.
• H'1C00 0000 to H'1FFF FFFF
This area must be accessed using the address translation function of the MMU.
Setting the page number of this area to the corresponding field of the TLB enables access to a
memory-mapped register.
The operation of an access to this area without using the address translation function of the
MMU is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com