Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3886 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 60Page - Renesas Technology Corp 3886 Datasheet HTML 61Page - Renesas Technology Corp 3886 Datasheet HTML 62Page - Renesas Technology Corp 3886 Datasheet HTML 63Page - Renesas Technology Corp 3886 Datasheet HTML 64Page - Renesas Technology Corp 3886 Datasheet HTML 65Page - Renesas Technology Corp 3886 Datasheet HTML 66Page - Renesas Technology Corp 3886 Datasheet HTML 67Page - Renesas Technology Corp 3886 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 380 page
background image
1-39
3886 Group User’s Manual
HARDWARE
BUS INTERFACE
The 3886 group has a 2-byte bus interface function which is al-
most functionally equal to MELPS8-41 series and the control
signal from the host CPU side can operate it (slave mode).
It is possible to connect the 3886 group with the RD and WR
separated CPU bus directly. Figure 36 shows the block diagram of
the bus interface function.
The data bus buffer function I/O pins (P42, P43, P46, P47, P50–
P53, P8) also function as the normal digital port I/O pins. When bit
0 (data bus buffer enable bit) of the data bus buffer control regis-
ter (address 002A16) is “0,” these pins become the normal digital
port I/O pins. When it is “1,” these bits become the data bus buffer
function I/O pins.
The selection of either the single data bus buffer mode, which
uses 1 byte: data bus buffer 0 only, or the double data bus buffer
mode, which uses 2 bytes: data bus buffer 0 and data bus buffer
1, is performed by bit 1 (data bus buffer function selection bit) of
the data bus buffer control register (address 002A16). Port P47 be-
comes S1 input in the double data bus buffer mode. When data is
written from the host CPU side, an input buffer full interrupt oc-
curs. When data is read from the host CPU, an output buffer
empty interrupt occurs. This microcomputer shares two input
buffer full interrupt requests and two output buffer empty interrupt
requests as shown in Figure 34, respectively.
Fig. 34 Interrupt request circuit of data bus buffer
FUNCTIONAL DESCRIPTION
Input buffer
full flag 0
IBF0
Input buffer
full flag 1
IBF1
Rising edge
detection circuit
One-shot pulse
generating circuit
One-shot pulse
generating circuit
Input buffer full interrupt
request signal IBF
Output buffer
full flag 0
OBF0
Output buffer
full flag 1
OBF1
One-shot pulse
generating circuit
One-shot pulse
generating circuit
Output buffer empty interrupt
request signal OBE
Interrupt request is set at this rising edge
Interrupt request is set at this rising edge
IBF0
IBF1
IBF
OBF0
(
OBE0)
OBF1
(
OBE1)
OBE
OBE0
OBE1
Rising edge
detection circuit
Rising edge
detection circuit
Rising edge
detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com