Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3004 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # H8/3004
Description  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 73Page - Renesas Technology Corp H8/3004 Datasheet HTML 74Page - Renesas Technology Corp H8/3004 Datasheet HTML 75Page - Renesas Technology Corp H8/3004 Datasheet HTML 76Page - Renesas Technology Corp H8/3004 Datasheet HTML 77Page - Renesas Technology Corp H8/3004 Datasheet HTML 78Page - Renesas Technology Corp H8/3004 Datasheet HTML 79Page - Renesas Technology Corp H8/3004 Datasheet HTML 80Page - Renesas Technology Corp H8/3004 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 497 page
background image
4.2 Reset
4.2.1 Overview
A reset is the highest-priority exception. When the
RES pin goes low, all processing halts and the
H8/3004 and H8/3005 enter the reset state. A reset initializes the internal state of the CPU and the
registers of the on-chip supporting modules. Reset exception handling begins when the
RES pin
changes from low to high.
The H8/3004 or H8/3005 can also be reset by overflow of the watchdog timer. For details see
section 10, Watchdog Timer.
4.2.2 Reset Sequence
The H8/3004 and H8/3005 enters the reset state when the
RES pin goes low.
To ensure that the H8/3004 and H8/3005 are reset, hold the
RES pin low for at least 20 ms at
power-up. To reset the H8/3004 and H8/3005 during operation, hold the
RES pin low for at least
10 system clock (ø) cycles. See appendix D.2, Pin States at Reset, for the states of the pins in the
reset state.
When the
RES pin goes high after being held low for the necessary time, the H8/3004 and
H8/3005 start reset exception handling as follows.
•
The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
•
The contents of the reset vector address (H'0000 to H'0003) are read, and program execution
starts from the address indicated in the vector address.
Figure 4-2 shows the reset sequence in modes 1 and 3.
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com