Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83029 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H83029
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  1010 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83029 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H83029 Datasheet HTML 35Page - Renesas Technology Corp H83029 Datasheet HTML 36Page - Renesas Technology Corp H83029 Datasheet HTML 37Page - Renesas Technology Corp H83029 Datasheet HTML 38Page - Renesas Technology Corp H83029 Datasheet HTML 39Page - Renesas Technology Corp H83029 Datasheet HTML 40Page - Renesas Technology Corp H83029 Datasheet HTML 41Page - Renesas Technology Corp H83029 Datasheet HTML 42Page - Renesas Technology Corp H83029 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1010 page
background image
Rev. 2.0, 06/04, page 12 of 980
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
16-bit timer TCLKD to
TCLKA
96 to 93
Input
Clock input D to A: External clock inputs
TIOCA
2 to
TIOCA
0
99, 97, 95
Input/
output
Input capture/output compare A2 to A0: GRA2 to
GRA0 output compare or input capture, or PWM
output
TIOCB
2 to
TIOCB
0
100, 98,
96
Input/
output
Input capture/output compare B2 to B0: GRB2 to
GRB0 output compare or input capture, or PWM
output
8-bit timer
TMO
0,
TMO
2
2, 4
Output
Compare match output: Compare match output
pins
TMIO
1,
TMIO
3
3, 5
Input/
output
Input capture input/compare match output: Input
capture input or compare match output pins
TCLKD to
TCLKA
96 to 93
Input
Counter external clock input: These pins input an
external clock to the counters.
Program-
mable
timing
pattern
controller
(TPC)
TP
15 to
TP
0
9 to 2,
100 to 93
Output
TPC output 15 to 0: Pulse output
Serial com-
munication
TxD
2 to
TxD
0
8, 13, 12
Output
Transmit data (channels 0, 1, 2): SCI data output
interface
(SCI)
RxD
2 to
RxD
0
9, 15, 14
Input
Receive data (channels 0, 1, 2): SCI data input
SCK
2 to
SCK
0
7, 17, 16
Input/
output
Serial clock (channels 0, 1, 2): SCI clock
input/output
A/D
converter
AN
7 to
AN
0
85 to 78
Input
Analog 7 to 0: Analog input pins
ADTRG
90
Input
A/D conversion external trigger input: External
trigger input for starting A/D conversion
D/A
converter
DA
1, DA0
85, 84
Output
Analog output: Analog output from the
D/A converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com