Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7905 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 17Page - Renesas Technology Corp 7905 Datasheet HTML 18Page - Renesas Technology Corp 7905 Datasheet HTML 19Page - Renesas Technology Corp 7905 Datasheet HTML 20Page - Renesas Technology Corp 7905 Datasheet HTML 21Page - Renesas Technology Corp 7905 Datasheet HTML 22Page - Renesas Technology Corp 7905 Datasheet HTML 23Page - Renesas Technology Corp 7905 Datasheet HTML 24Page - Renesas Technology Corp 7905 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 565 page
background image
DESCRIPTION
7905 Group User’s Manual Rev.1.0
1-6
1.3 Pin description
I/O
I/O
Input
Input
P7 is an 8-bit I/O port with the same function as port P1.
By software, these pins can function as input pins for the
A-D converter, or output pins for the D-A converter.
P8 is a 4-bit I/O port with the same function as port P1.
By software, these pins can function as input pins for the
A-D converter, output pins for the D-A converter, or as I/O
pins for serial I/O.
This pin has the function to forcibly place port P4 pins in the
input mode (port-output-cutoff function). Also, this pin functions
as an input pin for INT0, and as an input pin for the port-output-
cutoff function in the motor drive waveform output mode.
This pin has the function to forcibly place port P6 pins in the
input mode (port-output-cutoff function). Also, this pin functions
as an input pin for INT4, and as an input pin for the port-output-
cutoff function in the motor drive waveform output mode.
Input/Output
I/O port P7
I/O port P8
P4OUTCUT input
P6OUTCUT input
P70–P77
P80–P83
P4OUTCUT
P6OUTCUT
Table 1.3.2 Pin description (2)
Name
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com