Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZT2907 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STZT2907
Description  MEDIUM POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STZT2907 Datasheet(HTML) 2 Page - STMicroelectronics

  STZT2907 Datasheet HTML 1Page - STMicroelectronics STZT2907 Datasheet HTML 2Page - STMicroelectronics STZT2907 Datasheet HTML 3Page - STMicroelectronics STZT2907 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
•
Rthj-tab
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Collecor Tab
Max
83.3
10
oC/W
oC/W
• Mounted on a ceramic substrate area = 30 x 35 x 0.7 mm
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = rated VCBO
VCB = rated VCBO
Tamb = 125
oC
-20
-10
nA
µA
ICEX
Collector Cut-off
Current (VBE = 0.5V)
VCE = -30 V
for STZT2222A
-50
nA
IBEX
Base Cut-off Current
(VBE = 0.5V)
VCE = -30 V
for STZT2222A
-50
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -10
µA-60
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -10 mA
for STZT2907
for STZT2907A
-40
-60
V
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -10
µA-5
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -150 mA
IB = -15 mA
IC = -500 mA
IB = -50 mA
-0.4
-1.6
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -150 mA
IB = -15 mA
IC = -500 mA
IB = -50 mA
-1.3
-2.6
V
V
hFE
∗
DC Current Gain
IC = -0.1 mA
VCE = -10 V
for STZT2907
for STZT2907A
IC = -1 mA
VCE = -10 V
for STZT2907
for STZT2907A
IC = -10 mA
VCE = -10 V
for STZT2907
for STZT2907A
IC = -150 mA
VCE = -10 V
IC = -500 mA
VCE = -10 V
for STZT2907
for STZT2907A
35
75
50
100
75
100
100
10
50
300
fT
Transition Frequency
IC = -10 mA VCE = -10 V f = 100 MHz
200
MHz
CCBO
Collector-Base
Capacitance
IE = 0
VCB = -10 V
f = 1 MHz
8
pF
CEBO
Emitter-Base
Capacitance
IC = 0
VEB = -2 V
f = 1 MHz
30
pF
td
Delay Time
IC = -150 mA
IB1 = -15 mA
VCC = -30 V
10
ns
tr
Rise Time
40
ns
ton
Turn-on Time
45
ns
ts
Storage Time
IC = -150 mA
IB1 = -IB1 = -15 mA
VCC = -30 V
80
ns
tf
Fall Time
30
ns
toff
Turn-off Time
100
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
STZT2907/STZT2907A
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com