Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7477 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp 7477 Datasheet HTML 90Page - Renesas Technology Corp 7477 Datasheet HTML 91Page - Renesas Technology Corp 7477 Datasheet HTML 92Page - Renesas Technology Corp 7477 Datasheet HTML 93Page - Renesas Technology Corp 7477 Datasheet HTML 94Page - Renesas Technology Corp 7477 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-84
HARDWARE
1.12 Timers
(2) Timer 12 mode register (T12M: Address 00F816)
The Timer 12 mode register is a register consisting of bits that control a Timer count source and a
count operation.
Figure 1.12.12 shows a structure of Timer 12 mode register.
Fig. 1.12.12 Structure of Timer 12 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Name
B
Function
0
1
2
Timer 12 mode register (T12M) [Address
Timer 12 mode register
3
4
5
6, 7
b7 b6
Timer 1 count stop
bit
At reset
R
0
0
0
0
0
0
0
W
Timer 1 count
source selection bit
Timer 1 internal clock
source selection bit
P12/T0 port output
selection bit
Timer 2 count stop
bit
Timer 2 count
source selection bit
Timer 2 internal clock
source selection bits
0 : Count start
1 : Count stop
0 : Internal clock
(Note 1)
1 : P32/CNTR0 external clock
0 : f(XIN)/16 or f(XCIN)/16
1 : f(XCIN)
(Note 2)
0 : P12 port output
1 : T0(Timer 1 overflow
divided by 2)
0 : Count start
1 : Count stop
0 : Internal clock (Note 1)
1 : Timer 1 overflow signal
0 0 :
f(XIN)/16 or f(XCIN)/16
0 1 :
f(XIN)/64 or f(XCIN)/64
1 0 :
f(XIN)/128 or f(XCIN)/128
1 1 :
f(XIN)/256 or f(XCIN)/256
(Note 3)
Notes 1:
2:
3:
In the 7470/7477 group, the internal clock is f(X
Since the 7470/7477 group is not provided the sub-clock
generating circuit, f(X
Since the 7470/7477 group is not provided the sub-clock
generating circuit, f(X
00F816]
IN
)/16.
CIN
) cannot be used. Fix this bit to “0.”
CIN
) cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com